Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF105-1018A-1Z Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF105-1018A-1Z
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105-1018A-1Z Datasheet(HTML) 1 Page - Hongfa Technology

  HF105-1018A-1Z Datasheet HTML 1Page - Hongfa Technology HF105-1018A-1Z Datasheet HTML 2Page - Hongfa Technology HF105-1018A-1Z Datasheet HTML 3Page - Hongfa Technology HF105-1018A-1Z Datasheet HTML 4Page - Hongfa Technology HF105-1018A-1Z Datasheet HTML 5Page - Hongfa Technology HF105-1018A-1Z Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8LIWXULV
y@C< ,Fdpxgijkgm
y@C< ,Fdpv/vfhffgffgokk
y@C< ,Fdp0kffkfhll
}/6cgfkycg
I8K@E>
}/6cgfkycg*
I8K@E>
vFEK8:K
I<J@JK8E:<
+8Od JN@K:?@E>
:8G8:@KP
+8Od JN@K:?@E>
MFCK8><
+8Od JN@K:?@E>
:LII<EK
tD9@<EK K<DG<I8KLI<
w@<C<:KI@:
JKI<E>K?
1?F:B I<J@JK8E:<
{-,zyt 0x*t7
vFEJKIL:K@FE
gyFID t
ift hmm4tv
ift hn4wv
h{. hkf4tv
g{. ghk4tv
hmm4tv`y*tshfa`*0tslfa
gyFID u`,va
gkt hmm4tv
gft hn4wv
geh{. hkf4tv
gej{. ghk4tv
hmm4tv`y*tsgfa`*0tsiia
,-
,v
hft hmm4tv
gft hmm4tv
gft hn4wv
geh{. hkf4tv
gej{. ghk4tv
hmm4tv`y*tsgfa`*0tsiia
ift hmm4tv
hft hmm4tv
gft hn4wv
h{. hkf4tv
g{. ghk4tv
hmm4tv`y*tshfa`*0tslfa
gkt hkf4tv v-1T sfdj
vF@C GFN<I
wv KPG<p offD5qtv KPG<ph4t
wvpckk KF nk
tvpckk KF lf
wvpckk KF gfk
tvpckk KF nk
gyFID v
vC8JJ u
vC8JJ y
gffDeJh `gf>a
gfffDeJh `gff>a
gf{QKF kk{Q gdkDD wt
on^ 0{b jf
.vu
tGGIFOdil>
3E<E:CFJ<; `-CEP =FI wv :F@Cab
58J? K@>?Kb wLJK GIFK<:K<;
|1-offgX|1-e21glojo X|1-gjffg X-{1t1gnffg vx02|y|xw
hffm 0<Md hdff
ift hjf4tv gkt hjf4tv hft hjf4tv gft hjf4tv
hft hn4wv
gft hn4wv
hft hn4wv
gft hn4wv
hkt hjf4tv gkt hjf4tv hft hjf4tv gft hjf4tv
hft hn4wv
gft hn4wv
hft hn4wv
gft hn4wv
g O gfm -.1
g O gfk -.1
C[E
gmn
>SWLV2 -ECP JFD< KPG@:8C I8K@E>J 8I< C@JK<; 89FM<d|= DFI< ;<K8@CJ 8I<
I<HL@I<;b GC<8J< :FEK8:K LJd
gt
gu
gv`,-agv `,va
kfD `8K gt hj4wva
t>1E-hbt>v;-
mhff4teklf5 ilff4tehnf5 jnff4teklf5 hjff4tehnf5
hmm4tvehn4wv
jft
gkt
hft
gft
:8/.08-/
5?>C35C 63C3
5:3A35C7A;BC;5B
gfff+ `8K kff4wva
hkffejfff4tv gD@E
gkff4tv gD@E
gkDJ D8Od
gfDJ D8Od
=;>;3CDA7 :;9: @?F7A A7<3G
vFEK8:K
8II8E><D<EK
vFEK8:K D8K<I@8C
|EJLC8K@FE I<J@JK8E:<
u<KN<<E :F@C _ :FEK8:KJ
u<KN<<E FG<E :FEK8:KJ
-G<I8K< K@D< `8K EFD@d MFCKda
0<C<8J< K@D< `8K EFD@d MFCKda
yLE:K@FE8C
w<JKIL:K@M<
4@9I8K@FE I<J@JK8E:<
{LD@;@KP
2<ID@E8K@FE
3E@K N<@>?K
5?;<
B387CG 3@@A?E3< A3C;>9B
D<+
5DA
Z ift JN@K:?@E> :8G89@C@KP
Z jB4;@<C<:KI@: JKI<E>K? `9<KN<<E :F@C 8E; :FEK8:KJa
Z {<8MP CF8; LG KF mbhff4t
Z.vu :F@C K<ID@E8CJb @;<8C =FI ?<8MP ;LKP CF8;
Z 3E<E:CFJ<;b 58J? K@>?K 8E; ;LJK GIFK<:K<; KPG<J 8M8@C89C<
Z vC8JJ y @EJLC8K@FE 8M8@C89C<
Z xEM@IFED<EK8C =I@<E;CP GIF;L:K `0F{1 :FDGC@8EKa
Z -LKC@E< w@D<EJ@FEJp `ihdh O hmdf O hfdga DD
`}/6cgfkycga
>SWLV2 ga 2?< ;8K8 J?FNE 89FM< 8I< @E@K@8C M8CL<Jd
ha .C<8J< =@E; :F@C K<DG<I8KLI< :LIM< @E K?< :?8I8:K<I@JK@: :LIM<J 9<CFNd
+<:?8E@:8C
<E;LI8E:<
xC<:KI@:8C
<E;LI8E:<


Similar Part No. - HF105-1018A-1Z

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-1018A6-1DSTF HONGFA-HF105F-1018A6-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1HSTF HONGFA-HF105F-1018A6-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018A6-1ZSTF HONGFA-HF105F-1018A6-1ZSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1DSTF HONGFA-HF105F-1018AT-1DSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
HF105F-1018AT-1HSTF HONGFA-HF105F-1018AT-1HSTF Datasheet
107Kb / 6P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105-1018A-1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com