Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFS15220A380A40Z Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFS15220A380A40Z
Description  SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS15220A380A40Z Datasheet(HTML) 2 Page - Hongfa Technology

  HFS15220A380A40Z Datasheet HTML 1Page - Hongfa Technology HFS15220A380A40Z Datasheet HTML 2Page - Hongfa Technology HFS15220A380A40Z Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
@
AYSK
69
270?02A4?8@A82 2B?C4@
@dY`\ek Q\dg\iXkli\ - .
JXo2 IfX[ Blii\ek mj2 @dY`\ek Q\dg2 -54@.
Qa?69
E?94Gq
<44
:44
844
644
4
5
544
54
5444
4
HQ
5444
2WUVRPKT USKINHO IRJK Lecp ]fi jg\Z`Xc i\hl`i\d\ekj0 \2^2 -999. jkXe[j ]fi OfGP Zfdgc`Xek
JXo2 M\id`jj`Yc\ Kfe1i\g\k`k`m\ M\Xb Pli^\
Blii\ek mj2 KldY\i f] BpZc\j
KldY\i f] ZpZc\j -Xk 94Gq.
3> 7 kf 76SCB -T`k_flk IDC.
8 kf 76SCB -T`k_ IDC.
*,0> 68S@B ~~}0> 554S@B **}0> 664S@B
GEP59 3
C1
54
684
*,}> 684S +.}> 7<4S
W 1I
8QSWV XROVHMK
:RHJ XROVHMK
:RHJ XROVHMK LRTP 0>@B
:RHJ IWTTKQV
~}> 54@ ~-> 59@ *}> 64@ *-> 69@ ,}> 84@
GKTR ITRUU LWQIVNRQ G> W\if Zifjj klie1fe >> OXe[fd klie1fe
=?34?8<6 8<5=?;0A8=<
=BA:8<4 38;4<@8=<@{ D8?8<6 3806?0; 0<3 ;=B<A8<6 7=:4@
:43 NQJNIHVRT
:> T`k_ IDC
<NO[ T`k_flk IDC
Llkc`e\ C`d\ej`fej
-UUU.
T`i`e^ C`X^iXd
Jflek`e^ Gfc\ IXpflk
164
174
4
64
6
4
544
84
:4
<4
8
69
64
54
T`k_ _\Xk j`eb>GE=6A1<4
T`k_flk G\Xk P`eb
Re`k> dd
<RVKU/ GEP59 `j Xe \em`ifed\ekXc ]i`\e[cp gif[lZk0 gc\Xj\ dXib jg\Z`Xc Zf[\ -999. n_\e fi[\i2
7
8
6
5
-r.
-r.
r
r
Heglk
IfX[
PfliZ\
61J8
8;29]426
61J7
61J8
6
5-r.
-r.
7
8 -r.
-r.
61 829
8;29]426
8726]427
9<]427
<27]427


Similar Part No. - HFS15220A380A40Z

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS10N60 SEMIHOW-HFS10N60 Datasheet
668Kb / 7P
   600V N-Channel MOSFET
HFS10N60S SEMIHOW-HFS10N60S Datasheet
792Kb / 7P
   600V N-Channel MOSFET
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
   650V N-Channel MOSFET
HFS10N65U SEMIHOW-HFS10N65U Datasheet
307Kb / 7P
   Superior Avalanche Rugged Technology7
More results

Similar Description - HFS15220A380A40Z

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com