Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV7024H3 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV7024H3
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV7024H3 Datasheet(HTML) 2 Page - Hongfa Technology

  HFV7024H3 Datasheet HTML 1Page - Hongfa Technology HFV7024H3 Datasheet HTML 2Page - Hongfa Technology HFV7024H3 Datasheet HTML 3Page - Hongfa Technology HFV7024H3 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
]bZ`kZf 9
;8
@?
]bZ`kZf :
;8
@?
M
]bZ`kZf ;
;8
@?
]bZ`kZf <
;8
@?
>
>
9:
9:
:<
:<
>
>
9:
9:
:<
:<
;6>
;6>
?6:
?6:
9<6<
9<6<
;6>
;6>
?6:
?6:
9<6<
9<6<
86>
86>
96:
96:
:6<
:6<
86>
86>
96:
96:
:6<
:6<
::6=
::6=
A8
A8
;>8
;>8
9@
9@
?:
?:
:@@
:@@
96>
96@
96>
96@
96>
96@
:68
:6:
:68
:6:
:68
:6:
:;
@=
98
A
:9
9@
<;
;>
A
A
9A
9@
;A
;>
A
A
9@
9@
;<
;<
?
?
9<
9<
:@
:@
555
9@8
555
>@8
555
:?88
555
9@8
555
>@8
555
:?88
555
:8
555
?A6=
555
;9?6>
555
9>6<
555
>=69
555
:>86:
<2 Wa^g ma^ ehZ] k^jnbk^f^gm bl ]b__^k^gm _khf \hgm^gm h_ ma^ mZ[e^ Z[ho^4 ie^Zl^ \hgmZ\m Jhg`_Z _hk k^eZr Ziieb\Zmbhg lniihkm6
92 Ta^ ihp^k \hglnfimbhg h_ iZkZee^e k^lblmZg\^ bl 86=W6
:2 MZq6ZeehpZ[e^ ho^k]kbo^ ohemZ`^ bl lmZm^] pbma gh ehZ] Ziieb^]6
SmZg]Zk]
Jb`a ihp^k
\hglnfimbhg
1P 2
MZq6ZeehpZ[e^ ho^k]kbo^
ohemZ`^ :2 VFE
92 Ehkk^lihg]l mh ma^ i^Zd bgknla \nkk^gm hg bgbmbZe Z\mnZmbhg 1fhmhk26
:2 Ta^ ehZ] bg ma^ mZ[e^ ^q\en]^l _eZla^k6Wa^g Ziieb^] bg _eZla^k4 Z li^\bZe lbeo^k Zeehr 1C`SgO:2 \hgmZ\m fZm^kbZe lahne] [^ nl^] Zg] ma^ \nlmhf^k
li^\bZe \h]^ lahne] [^ 19?82 Zl Z ln__bq6Pe^Zl^ a^^] ma^ Zgh]^ Zg] \Zmah]^0l k^jn^lm pa^g pbk^]4 m^kfbgZe ;8 lahne] \hgg^\m pbma Zgh]^6
;2 Ta^ ehZ] pbkbg` ]bZ`kZfl Zk^ eblm^] [^ehpB
;^\]YWQ[ \ZQOUNV OYPQ
?:
R
R
q19 98.2
q19 =.2
92 PZkZee^e \hgg^\mbhg h_ ]bh]^ lahne] ikhob]^ ma^ k^jnbk^f^gm h_ ma^ iheZkbmr6Ehbe k^lblmZg\^ bl \a^\d^] [r ohemZff^mkr6
:2 JHV? bl Zg ^gobkhgf^gmZe _kb^g]er ikh]n\m4 ie^Zl^ fZkd li^\bZe \h]^ 1===2 pa^g hk]^k6
G+ Wbma k^lblmhk
<+ Wbma iZkZee^e ]bh]^
DUVB Wbmahnm k^lblmhk
I[NX\UQX] \^ZZ[Q\\UYX [Q\U\]Y[ 92
1XXX2
@>K8B QE mri^
@>K81FB PED mri^
PZkZee^e
k^lblmZg\^92
GjnboZe^gm
k^lblmZg\^
Ehbe
k^lblmZg\^
NhfbgZe
ohemZ`^
VFE
Pb\d5ni
ohemZ`^
VFE
Fkhi5hnm
ohemZ`^
VFE
Php^k
\hglnfimbhg
W
;EAB <:I:
;YX]NO] WN]Q[UNV
IB C`SgO:
5B C`Nb869=
;YUV _YV]NSQ 227B >VFE 234B 9:VFE 246B :<VFE
EG<=GAD? AD>EGC:IAED
IaZQ
;YX\][^O]UYX
HB WZla mb`am
DUVB Fnlm ikhm^\m^]
;YX]NO] N[[NXSQWQX]
@B 9 Hhkf C
;YUV ZY`Q[
FB Jb`a ihp^k \hglnfimbhg
DUVB SmZg]Zk]
^6`619?82 lmZg]l _hk _eZla^k ehZ]4 1===2 lmZg]l _hk RhJS / GLV \hfiebZgm6Kg \Zl^ ma^k^ Zk^
fnembie^ li^\bZe k^jnbk^f^gml4 Zee li^\bZe \h]^l lahne] [^ _heehp^] hg^ [r hg^6
Zm :;
JHV? 7
J S
89:
5R
T
P
:2
M
1L2
BQXS]T YR ]Q[WUXNV
BYNP ]aZQ
/B0B Lhp ehZ] mri^ <8C
DUVB SmZg]Zk] mri^ ?8C
CB Sahkm m^kfbgZe / QE mri^ 9<6=ff
DUVB Lhg` m^kfbgZe / QE mri^ 9?ff4 hk PED mri^


Similar Part No. - HFV7024H3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV7/006-H4SPTM-D HONGFA-HFV7/006-H4SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D1 HONGFA-HFV7/006-H4SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-R HONGFA-HFV7/006-H4SPTM-R Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D HONGFA-HFV7/006-H6SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D1 HONGFA-HFV7/006-H6SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV7024H3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com