Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7319PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7319PBF
Description  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7319PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7319PBF Datasheet HTML 2Page - International Rectifier IRF7319PBF Datasheet HTML 3Page - International Rectifier IRF7319PBF Datasheet HTML 4Page - International Rectifier IRF7319PBF Datasheet HTML 5Page - International Rectifier IRF7319PBF Datasheet HTML 6Page - International Rectifier IRF7319PBF Datasheet HTML 7Page - International Rectifier IRF7319PBF Datasheet HTML 8Page - International Rectifier IRF7319PBF Datasheet HTML 9Page - International Rectifier IRF7319PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7319PbF
Fig 16. Normalized On-Resistance
Vs.Temperature
Fig 19. Maximum Avalanche Energy
Vs. Drain Current
Fig 17. Typical On-Resistance Vs. Drain
Current
Fig 18. Typical On-Resistance Vs. Gate
Voltage
P-Channel
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
4.9A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
102030
A
V
= -4.5V
V
= -10V
GS
GS
0.00
0.04
0.08
0.12
0.16
0
3
6
9
12
15
A
I
= -4.9A
D
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.3A
-2.2A
-2.8A
-VGS , Gate -to-Source Voltage (V)
-ID , Drain Current (A)


Similar Part No. - IRF7319PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7319PBF IRF-IRF7319PBF Datasheet
229Kb / 10P
   GENERATION V TECHNOLOGY
IRF7319PBF IRF-IRF7319PBF_15 Datasheet
229Kb / 10P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7319PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com