Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFS15D380A10Z Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS15D380A10Z
Description  SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS15D380A10Z Datasheet(HTML) 1 Page - Hongfa Technology

  HFS15D380A10Z Datasheet HTML 1Page - Hongfa Technology HFS15D380A10Z Datasheet HTML 2Page - Hongfa Technology HFS15D380A10Z Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5KHVWTKU
JXo2 kiXej`\ek
fm\imfckX^\
C`\c\Zki`Z jki\e^k_
- `eglk kf flkglk .
HejlcXk`fe i\j`jkXeZ\
E`c\ Kf> BNB46445445=7:
E`c\ Kf> D5778<5
IfX[ mfckX^\
iXe^\ -Xk 8;1:7GW.
JXo2 fe1jkXk\ mfckX^\
[ifg
@dY`\ek
k\dg\iXkli\
>?420BA8=<@
T_\e Z_ffj`e^ X PPO0 gc\Xj\ efk`Z\ k_\ XZklXc cfX[ Zlii\ek
Xe[ nfib`e^ XdY`\ek k\dg\iXkli\2 Qf lj\ k_\ PPO Zfii\Zkcp0
gc\Xj\ i\]\i kf BG@O@BQDOHPQHB C@Q@ Xe[ dXb\ jli\ k_\
_\Xk j`eb j`q\ n_\e `k nfibj `e ]lcc cfX[ Zlii\ek2
@ggcp _\Xk1iX[`Xk`fe j`c`Zfe ^i\Xj\ f] X _\Xk Zfe[lZk`m\ j_\\k
Y\kn\\e k_\ PPO Xe[ _\Xk j`eb2 Q_\i\ n`cc Y\ X jgXZ\ Y\kn\\e
k_\ PPO Xe[ _\Xk j`eb @kkXZ_\[ kf k_\ PPO2 Q_\i\]fi\0 k_\
^\e\iXk\[ _\Xk f] k_\ PPO ZXeefk Y\ iX[`Xk\[ gifg\icp n`k_flk
k_\ ^i\Xj\2 @j X i\jlck0 k_\ PPO dXp Y\ fm\i_\Xk\[ Xe[
[XdX^\[ fi [\k\i`fiXk\[2
Q`^_k\e k_\ PPO k\id`eXc jZi\nj gifg\icp2 H] k_\ jZi\nj Xi\
efk k`^_k0 k_\ PPO n`cc Y\ CXdX^\[ Yp _\Xk ^\e\iXk\[ n_\e
k_\ gfn\i `e LK2 M\i]fid n`i`e^ lj`e^ k_\ k`^_k\e`e^ kfihl\
j_fne `e k_\ ]fccfn`e^ kXYc\2
8444S@B0 943:4Gq0 5d`e
5444J -Xk 944SCB.
GLKFE@ ODI@V
PZi\n j`q\
O\Zfdd\e[\[ k`^_k\e\[
kfihl\
J7
429< kf 42=< Kud
Lg\iXk`e^
PkfiX^\
Re`k n\`^_k
68
52
62
72
HPL=445\HPL3QP5:=8= \HPL58445\LGP@P5<445 BDOQHEHDC
644; O\m2 5244
<9 kf 576S@B -554S `eglk.
5;9 kf 6:8S@B -664S `eglk.
5=26 kf 6<2<S@B -68S `eglk.
<9S@B -554S `eglk.
5;9S@B -664S `eglk.
5=26S@B -68S `eglk.
54S@B -554S0 664S `eglk.
6S@B -68S `eglk.
69d@ -CB `eglk.
59d@ -@B `eglk.
Q_\ GEP59 f]]\i 7176SCB0 68S@B0 554S@B fi 664S@B `eglk
Zfekifc0 n`k_ flkglkj iXk\[ Xk 54@0 59@0 64@0 69@ fi 84@2 @cc
df[\cj `eZcl[\ Xe `ek\ieXc jelYY\i2 Q_\ i\cXpj gifm`[\ 8444S@B
fgkf1`jfcXk`fe0 Y\kn\\e `eglk Xe[ flkglk2 Llkc`e\ [`d\ej`fe `j
9<28ddU892;ddU662=dd2
J8
42=< kf 527; Kud
E`c\ Kf2> A4948976<:445-C1684 kpg\.
75@~-y96E|~-}-51z
34@2?8>A8=<
Kfk\j> @cc gXiXd\k\ij Xk 69 2
=BA>BA -Q@?69 .
IfX[ Zlii\ek iXe^\ -@.
JXo2H6k ]fi ]lj`e^-54dj0@6j.
JXo2 jli^\ Zlii\ek -54dj.
JXo2 c\XbX^\ Zlii\ek
JXo2 klie1f]] k`d\
J`e2 f]]1jkXk\ [m3[k
J`e2 gfn\i ]XZkfi
8< kf 6<4S@B
8< kf 884S@B
:44Sgb
<44Sgb
C1684@__
C17<4@__
C1684@__
C17<4@__
425 kf 54
;<
544@gb
9d@
425 kf 59
588
594@gb
9d@
425 kf 64
756
644@gb
9d@
425 kf 69
756
694@gb
9d@
425 kf 84
<<4
844@gb
9d@
529Sidj
W\if Zifjj klie fe> 536 ZpZc\/5dj
OXe[fd klie1fe> 5dj
536 ZpZc\/5dj
644S3tj
429
174 kf <4
174 kf 544
@ggifo2 <<^
@=:83 @A0A4 ?4:0F
64<4?0: -Q@?69 .
Qpg\
Qpg\
8444S [`\c\Zki`Z jki\e^k_
M_fkf `jfcXk`fe
O\dfmXYc\ ]`e^\i giff] Zfm\i XmX`cXYc\
Al`ck1`e jelYY\i
W\if Zifjj fi iXe[fd klie1fe
QOH@B @B flkglk
MXe\c dflek
CB fi @B Zfekifc
T`k_ IDC `e[`ZXkfi fi efk
OfGP Zfdgc`Xek
^
^
^
^
^
^
^
^
^
^
8<>BA -Q@?69 .
Bfekifc mfckX^\ iXe^\ -CB `eglk.
C1_@54_ C1_@59_ C1_@64_ C1_@69_ C1_@84_
C1_@54_ C1_@59_ C1_@64_ C1_@69_ C1_@84_
7 kf 76SCB -T`k_flk IDC.
8 kf 76SCB -T`k_ IDC.
JXo2 7SCB -T`k_flk IDC.
JXo2 8SCB -T`k_ IDC.
524SCB
176SCB
Bfekifc mfckX^\ iXe^\ -@B `eglk.
Jljk fg\iXk\ mfckX^\ -CB `eglk.
Jljk fg\iXk\ mfckX^\ -@B `eglk.
Jljk i\c\Xj\ mfckX^\ -CB `eglk.
Jljk i\c\Xj\ mfckX^\ -@B `eglk.
JXo2 `eglk Zlii\ek
JXo2 i\m\ij\ gifk\Zk`fe mfckX^\
-CB `eglk.
JXo2 klie1fe k`d\


Similar Part No. - HFS15D380A10Z

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS10N60 SEMIHOW-HFS10N60 Datasheet
668Kb / 7P
   600V N-Channel MOSFET
HFS10N60S SEMIHOW-HFS10N60S Datasheet
792Kb / 7P
   600V N-Channel MOSFET
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
   650V N-Channel MOSFET
HFS10N65U SEMIHOW-HFS10N65U Datasheet
307Kb / 7P
   Superior Avalanche Rugged Technology7
More results

Similar Description - HFS15D380A10Z

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com