Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-30DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-30DBVT
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-30DBVT Datasheet(HTML) 1 Page - Texas Instruments

  LP2985A-30DBVT Datasheet HTML 1Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 2Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 3Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 4Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 5Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 6Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 7Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 8Page - Texas Instruments LP2985A-30DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
PORTABLE APPLICATIONS
DBV (SOT-23) PACKAGE
(TOP VIEW)
1
2
3
5
4
VIN
GND
ON/OFF
VOUT
BYPASS
DESCRIPTION/ORDERING INFORMATION
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522J – JULY 2004 – REVISED AUGUST 2006
Cellular Phones
Output Tolerance of
Palmtop and Laptop Computers
– 1% (A Grade)
Personal Digital Assistants (PDAs)
– 1.5% (Standard Grade)
Digital Cameras and Camcorders
Ultra-Low Dropout, Typically
CD Players
– 280 mV at Full Load of 150 mA
MP3 Players
– 7 mV at 1 mA
Wide VIN Range…16 V Max
Low IQ . . . 850 µA at Full Load at 150 mA
Shutdown Current . . . 0.01
µA Typ
Low Noise . . . 30
µV
RMS With 10-nF Bypass
Capacitor
Stable With Low-ESR Capacitors, Including
Ceramic
Overcurrent and Thermal Protection
High Peak-Current Capability
The LP2985 family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both
portable and nonportable applications. Available in voltages of 1.8 V, 2.5 V, 2.8 V, 2.9 V, 3 V, 3.3 V and 5 V, the
family has an output tolerance of 1% for the A version (1.5% for the non-A version) and is capable of delivering
150-mA continuous load current. Standard regulator features, such as overcurrent and overtemperature
protection, are included.
The LP2985 has a host of features that makes the regulator an ideal candidate for a variety of portable
applications:
Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current and 7 mV at
1-mA load.
Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably
lower than those associated with traditional lateral PNP regulators.
Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01
µA when the
ON/OFF pin is pulled low.
Low-ESR-capacitor friendly: The regulator is stable with low-ESR capacitors, allowing the use of small,
inexpensive, ceramic capacitors in cost-sensitive applications.
Low noise: A BYPASS pin allows for low-noise operation, with a typical output noise of 30
µV
RMS, with the
use of a 10-nF bypass capacitor.
Small packaging: For the most space-constrained needs, the regulator is available in the SOT-23 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985A-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-30DBVT TI-LP2985A-30DBVT Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-30DBVT TI-LP2985A-30DBVT Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-30DBVT TI-LP2985A-30DBVT Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-30DBVT TI-LP2985A-30DBVT Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-30DBVT TI-LP2985A-30DBVT Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com