Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3874ESX-3.3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3874ESX-3.3
Description  0.8A Fast Ultra Low Dropout Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3874ESX-3.3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3874ESX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3874ESX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ordering Information
20063131
Package Type Designator is "T" for TO220 package, and "S" for TO263 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Description
(Current, Option)
Package
Type
Package Marking
Supplied As:
5.0
LP3871ES-5.0
0.8A, Error Flag
TO263-5
LP3871ES-5.0
Rail
5.0
LP3871ESX-5.0
0.8A, Error Flag
TO263-5
LP3871ES-5.0
Tape and Reel
3.3
LP3871ES-3.3
0.8A, Error Flag
TO263-5
LP3871ES-3.3
Rail
3.3
LP3871ESX-3.3
0.8A, Error Flag
TO263-5
LP3871ES-3.3
Tape and Reel
2.5
LP3871ES-2.5
0.8A, Error Flag
TO263-5
LP3871ES-2.5
Rail
2.5
LP3871ESX-2.5
0.8A, Error Flag
TO263-5
LP3871ES-2.5
Tape and Reel
1.8
LP3871ES-1.8
0.8A, Error Flag
TO263-5
LP3871ES-1.8
Rail
1.8
LP3871ESX-1.8
0.8A, Error Flag
TO263-5
LP3871ES-1.8
Tape and Reel
5.0
LP3874ES-5.0
0.8A, SENSE
TO263-5
LP3874ES-5.0
Rail
5.0
LP3874ESX-5.0
0.8A, SENSE
TO263-5
LP3874ES-5.0
Tape and Reel
3.3
LP3874ES-3.3
0.8A, SENSE
TO263-5
LP3874ES-3.3
Rail
3.3
LP3874ESX-3.3
0.8A, SENSE
TO263-5
LP3874ES-3.3
Tape and Reel
2.5
LP3874ES-2.5
0.8A, SENSE
TO263-5
LP3874ES-2.5
Rail
2.5
LP3874ESX-2.5
0.8A, SENSE
TO263-5
LP3874ES-2.5
Tape and Reel
1.8
LP3874ES-1.8
0.8A, SENSE
TO263-5
LP3874ES-1.8
Rail
1.8
LP3874ESX-1.8
0.8A, SENSE
TO263-5
LP3874ES-1.8
Tape and Reel
5.0
LP3871ET-5.0
0.8A, Error Flag
TO220-5
LP3871ET-5.0
Rail
3.3
LP3871ET-3.3
0.8A, Error Flag
TO220-5
LP3871ET-3.3
Rail
2.5
LP3871ET-2.5
0.8A, Error Flag
TO220-5
LP3871ET-2.5
Rail
1.8
LP3871ET-1.8
0.8A, Error Flag
TO220-5
LP3871ET-1.8
Rail
5.0
LP3874ET-5.0
0.8A, SENSE
TO220-5
LP3874ET-5.0
Rail
3.3
LP3874ET-3.3
0.8A, SENSE
TO220-5
LP3874ET-3.3
Rail
2.5
LP3874ET-2.5
0.8A, SENSE
TO220-5
LP3874ET-2.5
Rail
1.8
LP3874ET-1.8
0.8A, SENSE
TO220-5
LP3874ET-1.8
Rail
www.national.com
3


Similar Part No. - LP3874ESX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3874ESX-3.3 NSC-LP3874ESX-3.3 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874ESX-3.3 NSC-LP3874ESX-3.3 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3874ESX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com