Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1865T+TR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1865T+TR
Description  PON Triplexer Control and Monitoring Circuit
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865T+TR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1865T+TR Datasheet HTML 1Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 2Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 3Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 4Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 5Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TIMING CHARACTERISTICS (CONTROL LOOP AND QUICK-TRIP)
(
VCC = +2.85V to +5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
First MD Sample Following BEN
tFIRST
(Note 9)
Remaining Updates During BEN
tUPDATE
(Note 9)
BEN High Time
tBEN:HIGH
400
ns
BEN Low Time
tBEN:LOW
96
ns
Output-Enable Time Following POA
tINIT
10
ms
BIAS and MOD Turn-Off Delay
tOFF
5µs
BIAS and MOD Turn-On Delay
tON
5µs
FETG Turn-On Delay
tFETG:ON
5µs
FETG Turn-Off Delay
tFETG:OFF
5µs
Binary Search Time
tSEARCH
(Note 10)
5
13
BIAS
Samples
ADC Round-Robin Time
tRR
75
ms
PON Triplexer Control and
Monitoring Circuit
4
_____________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40°C to +95°C
±3.0
°C
DIGITAL THERMOMETER
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resolution
∆VMON
610
µV
Supply Resolution
∆VCC
1.6
mV
Input/Supply Accuracy
(MON1, MON2, MON3, MON4, VCC)
ACC
At factory setting
0.25
0.5
% FS
(full scale)
Update Rate for MON1, MON2,
MON3, MON4 Temp, or VCC
tFRAME
30
45
ms
Input/Supply Offset
(MON1, MON2, MON3, MON4, VCC)
VOS
(Note 14)
0
5
LSB
MON1, MON2,
MON3, MON4
2.5
Factory Setting
VCC
6.5536
V
ANALOG VOLTAGE MONITORING
(VCC = 2.85V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)


Similar Part No. - DS1865T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865T+TR MAXIM-DS1865T+TR Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results

Similar Description - DS1865T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com