Part Name
Included
start with
end
match
Description
DS3100
Stratum 3/3E Timing Card IC ( 226 Page)
MAXIM
100%
2 page
DS3100 Stratum 3/3E Timing Card IC
2 of 226
TABLE OF CONTENTS
1. STANDARDS COMPLIANCE ................................................................................................7
2. BLOCK DIAGRAM.................................................................................................................8
3. APPLICATION EXAMPLE .....................................................................................................9
4. DETAILED DESCRIPTION ..................................................................................................10
5. DETAILED FEATURES .......................................................................................................12
5.1 T0 DPLL FEATURES....................................................................................................................12
5.2 T4 DPLL FEATURES....................................................................................................................12
5.3 INPUT CLOCK FEATURES .............................................................................................................12
5.4 OUTPUT CLOCK FEATURES..........................................................................................................13
5.5 REDUNDANCY FEATURES.............................................................................................................13
5.6 BITS TRANSCEIVER FEATURES....................................................................................................13
5.6.1
General........................................................................................................................
.................
13
5.6.2
Receiver .......................................................................................................................
................
13
5.6.3
Transmitter ....................................................................................................................
...............
14
5.7 COMPOSITE CLOCK I/O FEATURES...............................................................................................14
5.8 GENERAL FEATURES ...................................................................................................................14
6. PIN DESCRIPTIONS............................................................................................................15
7. FUNCTIONAL DESCRIPTION .............................................................................................24
7.1 OVERVIEW ...............................................................................................................................
...
24
7.2 DEVICE IDENTIFICATION AND PROTECTION ...................................................................................25
7.3 LOCAL OSCILLATOR AND MASTER CLOCK CONFIGURATION...........................................................25
7.4 INPUT CLOCK CONFIGURATION ....................................................................................................26
7.4.1
Signal Format Configuration....................................................................................................
.....
26
7.4.2
Frequency Configuration ........................................................................................................
......
28
7.5 INPUT CLOCK QUALITY MONITORING ............................................................................................29
7.5.1
Frequency Monitoring...........................................................................................................
........
29
7.5.2
Activity Monitoring ............................................................................................................
............
29
7.5.3
Selected Reference Activity Monitoring ....................................................................................... 30
7.5.4
Composite Clock Inputs .........................................................................................................
......
30
7.6 INPUT CLOCK PRIORITY, SELECTION, AND SWITCHING..................................................................31
7.6.1
Priority Configuration.........................................................................................................
...........
31
7.6.2
Automatic Selection Algorithm ..................................................................................................
...
31
7.6.3
Forced Selection ...............................................................................................................
...........
32
7.6.4
Ultra-Fast Reference Switching.................................................................................................
...
32
7.6.5
External Reference Switching Mode ............................................................................................ 32
7.6.6
Output Clock Phase Continuity During Reference Switching ...................................................... 33
7.7 DPLL ARCHITECTURE AND CONFIGURATION ................................................................................33
7.7.1
T0 DPLL State Machine ..........................................................................................................
.....
33
7.7.2
T4 DPLL State Machine ..........................................................................................................
.....
36
7.7.3
Bandwidth......................................................................................................................
...............
37
7.7.4
Damping Factor .................................................................................................................
...........
38
7.7.5
Phase Detectors................................................................................................................
...........
38
7.7.6
Loss of Phase Lock Detection...................................................................................................
...
39
7.7.7
Phase Monitor and Phase Build-Out............................................................................................ 40
7.7.8
Input to Output Phase Adjustment ............................................................................................... 41
7.7.9
Phase Recalibration ............................................................................................................
.........
41
7.7.10 Frequency and Phase Measurement ........................................................................................... 41
7.7.11 Input Wander and Jitter Tolerance ..............................................................................................
.
42
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
...More
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SY10
SYNCHRONOUS
EQUIPMENT
STRATUM
3/3E
CLOCK
UNIT
1
2
3
4
5
More
Raltron Electronics Corporation
MSTM-S3
STRATUM
3
SIMPLIFIED
CONTROL
TIMING
MODULES
1
2
3
4
5
More
List of Unclassifed Manufacturers
ZL30120
SONET/SDH/Ethernet
Multi-Rate
Line
Card
Synchronizer
1
2
3
4
5
More
Zarlink Semiconductor Inc
CIM-F23
SD
Memory
Card
Connectors
1
2
Mitsumi Electronics, Corp.
EMIF06-SD02F3
6
line
EMI
filter
and
ESD
protection
for
SD
card
1
2
3
STMicroelectronics
ZL50019_06
Enhanced
2
K
Digital
Switch
with
Stratum
4E
DPLL
1
2
3
4
5
More
Zarlink Semiconductor Inc
FPD87392AXA
+3.3V
TFT-LCD
Timing
Controller
with
Dual
LVDS
Inputs/Dual
RSDS™
Outputs
for
TFT-LCD
Monitor
and
Notebook
SXGA/SXGA+/UXGA
1
2
3
4
National Semiconductor
ZL30122
SONET/SDH
Low
Jitter
Line
Card
Synchronizer
1
2
3
4
5
More
Zarlink Semiconductor Inc
SN74AVCA406_07
MMC
SD
CARD
Memory
Stick
SmartMedia
AND
xD-Picture
Card
±15-kV
ESD-PROTECTED
VOLTAGE-TRANSLATION
TRANSCEIVER
1
2
3
4
5
More
Texas Instruments
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl