Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA-3528F4C Datasheet(PDF) 4 Page - Kingbright Corporation

Part # KA-3528F4C
Description  IBFRA-RED EMITTING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528F4C Datasheet(HTML) 4 Page - Kingbright Corporation

  KA-3528F4C Datasheet HTML 1Page - Kingbright Corporation KA-3528F4C Datasheet HTML 2Page - Kingbright Corporation KA-3528F4C Datasheet HTML 3Page - Kingbright Corporation KA-3528F4C Datasheet HTML 4Page - Kingbright Corporation KA-3528F4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: KDA0434
REV NO: V.1
DATE: SEP/21/2001
PAGE: 4 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
KA-3528F3C,KA-3528SF4C
SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling
process to normal temperature is required between first and
secondsolderingprocess.
KA-3528SF4C


Similar Part No. - KA-3528F4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KA-3528 KINGBRIGHT-KA-3528 Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528CGCKT TO-GRACE-KA-3528CGCKT Datasheet
920Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528EC KINGBRIGHT-KA-3528EC Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
KA-3528IT KINGBRIGHT-KA-3528IT Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
KA-3528MWC KINGBRIGHT-KA-3528MWC Datasheet
121Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - KA-3528F4C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHB660CB ETC1-OHB660CB Datasheet
159Kb / 2P
   Red EMITTING DIODES
logo
Kingbright Corporation
KP-3216F3C KINGBRIGHT-KP-3216F3C Datasheet
129Kb / 5P
   INFRA-RED EMITTING DIODES
AM2520F3C03 KINGBRIGHT-AM2520F3C03 Datasheet
103Kb / 5P
   INFRA-RED EMITTING DIODES
logo
List of Unclassifed Man...
L34F3C ETC-L34F3C Datasheet
100Kb / 4P
   T-1 INFRA-RED EMITTING DIODES
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
logo
Zetex Semiconductors
ZME50 ZETEX-ZME50 Datasheet
69Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Micropac Industries
62196 MICROPAC-62196 Datasheet
77Kb / 2P
   RED LIGHT EMITTING DIODE
logo
Diodes Incorporated
ZME50 DIODES-ZME50 Datasheet
70Kb / 3P
   INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com