Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4-DINAV53DDR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EM4-DINAV53DDR
Description  Energy Management Energy Meter with plug-in Output Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM4-DINAV53DDR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EM4-DINAV53DDR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM4-DINAV53DDR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications are subject to change without notice
EM4-DINDS1003
7
EM4-DIN
Wiring diagrams (optional modules)
Only open collector outputs: the grounds of the outputs are separated, and therefore it’s possible to carry out, for the same
module, two different connections. The load resistance (Rc) must be designed so that the closed contact current is lower than
100mA; the VDC voltage must be lower than or equal to 30V. VDC: power supply voltage output. Vo+: positive output contact
(open collector transistor). GND: ground output contact (open collector transistor).
Open collector output
Fig.10
VDC max 30V
PNP-NPN connections
Contact and voltage connection
2 and 4-wire connection
Digital inputs
Fig. 12
Digital inputs
Fig. 13
RS485 Serial output
Fig. 14
Accuracy
Accuracy (RDG) depending on the current
Error
10A (Imax)
90A (Imax)
10A (Imax)
90A (Imax)
5A (Ib)
20A (Ib)
5A (Ib)
20A (Ib)
0,5A
2A
1A
4A
0,25A
1A
0.5A
2A
+1%
+4%
-4%
0%
+1.5%
-1%
EN 61036/ IEC 61036 limits (Active energy)
5(10A) Start-up current: 20mA
20(90A) Start-up current: 80mA
-1.5%
Accuracy (RDG) depending on the current
Error
+2%
+4%
-4%
0%
+2.5%
-2%
EN 61268/ IEC 61268 limits (Reactive energy)
5(6A) Start-up current: 20mA
20(90A) Start-up current: 80mA
-2.5%
Relay + open coll. output Fig. 11
10A (Imax)
10A (Imax)
90A (Imax)
90A (Imax)
5A (Ib)
5A (Ib)
20A (Ib)
20A (Ib)
0.25A
0.5A
2A
4A
0.1A
0.25A
1A
2A
sin
ϕ=1
sin
ϕ=0.5
sin
ϕ=1
PF=1
PF=L0.5
or C0.8


Similar Part No. - EM4-DINAV53DDR

ManufacturerPart #DatasheetDescription
logo
SAB North America
EM4-12 SAB-EM4-12 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-16 SAB-EM4-16 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20 SAB-EM4-20 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20C SAB-EM4-20C Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-25 SAB-EM4-25 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EM4-DINAV53DDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com