Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4-DINAV73CDR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EM4-DINAV73CDR
Description  Energy Management Energy Meter with plug-in Output Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM4-DINAV73CDR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EM4-DINAV73CDR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM4-DINAV73CDR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications are subject to change without notice
EM4-DINDS1003
5
EM4-DIN
Type
Inputs
Power supply
Ordering code
EM4-DIN AV9.3.X.
400VL-L, 20(90)A
Self power supply
AG2200
EM4-DIN AV8.3.X.
208VL-L, 20(90)A
Self power supply
AG2201
EM4-DIN AV2.3.x
220VL-L, 20(90)A
Self power supply
AG2244
EM4-DIN AV1.3.D.
400VL-L, 20(90)A
230VAC, 50-60Hz
AG2202
EM4-DIN AV0.3.D.
208VL-L, 20(90)A
230VAC, 50-60Hz
AG2203
EM4-DIN AV3.3.D.
660VL-L, 20(90)A
230VAC, 50-60Hz
AG2204
EM4-DIN AV1.3.C.
400VL-L, 20(90)A
115VAC, 50-60Hz
AG2205
EM4-DIN AV0.3.C.
208VL-L, 20(90)A
115VAC, 50-60Hz
AG2206
EM4-DIN AV3.3.C.
660VL-L, 20(90)A
115VAC, 50-60Hz
AG2207
EM4-DIN AV1.3.B.
400VL-L, 20(90)A
48VAC, 50-60Hz
AG2208
EM4-DIN AV0.3.B.
208VL-L, 20(90)A
48VAC, 50-60Hz
AG2209
EM4-DIN AV3.3.B.
660VL-L, 20(90)A
48VAC, 50-60Hz
AG2210
EM4-DIN AV1.3.A.
400VL-L, 20(90)A
24VAC, 50-60Hz
AG2211
EM4-DIN AV0.3.A.
208VL-L, 20(90)A
24VAC, 50-60Hz
AG2212
EM4-DIN AV3.3.A.
660VL-L, 20(90)A
24VAC, 50-60Hz
AG2213
EM4-DIN AV5.3.D.
400VL-L, 5(10)A
230VAC, 50-60Hz
AG2214
EM4-DIN AV4.3.D.
208VL-L, 5(10)A
230VAC, 50-60Hz
AG2215
EM4-DIN AV7.3.D.
660VL-L, 5(10)A
230VAC, 50-60Hz
AG2216
EM4-DIN AV5.3.C.
400VL-L, 5(10)A
115VAC, 50-60Hz
AG2217
EM4-DIN AV4.3.C.
208VL-L, 5(10)A
115VAC, 50-60Hz
AG2218
EM4-DIN AV7.3.C.
660VL-L, 5(10)A
115VAC, 50-60Hz
AG2219
EM4-DIN AV5.3.B.
400VL-L, 5(10)A
48VAC, 50-60Hz
AG2220
EM4-DIN AV4.3.B.
208VL-L, 5(10)A
48VAC, 50-60Hz
AG2221
EM4-DIN AV7.3.B.
660VL-L, 5(10)A
48VAC, 50-60Hz
AG2222
EM4-DIN AV5.3.A.
400VL-L, 5(10)A
24VAC, 50-60Hz
AG2223
EM4-DIN AV4.3.A.
208VL-L, 5(10)A
24VAC, 50-60Hz
AG2224
EM4-DIN AV7.3.A.
660VL-L, 5(10)A
24VAC, 50-60Hz
AG2225
EM4-DIN AV6.3.D.
100VL-L, 5(10)A
230VAC, 50-60Hz
AG2226
EM4-DIN AV6.3.C.
100VL-L, 5(10)A
115VAC, 50-60Hz
AG2227
EM4-DIN AV6.3.B.
100VL-L, 5(10)A
48VAC, 50-60Hz
AG2228
EM4-DIN AV6.3.A.
100VL-L, 5(10)A
24VAC, 50-60Hz
AG2229
EM4-DIN AV1.3.4 / [5]
400VL-L, 20(90)A
18-60VDC [77-143VDC]
AG2230 [AG2237]
EM4-DIN AV0.3.4 / [5]
208VL-L, 20(90)A
18-60VDC [77-143VDC]
AG2231 [AG2238]
EM4-DIN AV3.3.4 / [5]
660VL-L, 20(90)A
18-60VDC [77-143VDC]
AG2232 [AG2239]
EM4-DIN AV5.3.4 / [5]
400VL-L, 5(10)A
18-60VDC [77-143VDC]
AG2233 [AG2240]
EM4-DIN AV4.3.4 / [5]
208VL-L, 5(10)A
18-60VDC [77-143VDC]
AG2234 [AG2241]
EM4-DIN AV7.3.4 / [5]
660VL-L, 5(10)A
18-60VDC [77-143VDC]
AG2235 [AG2242]
EM4-DIN AV6.3.4 / [5]
100VL-L, 5(10)A
18-60VDC [77-143VDC]
AG2236 [AG2243]
Available models
Possible module combinations
Available modules
Power supply
Self p.s.
Auxiliary p.s.
Basic unit
Slot A Slot B Slot A Slot B
Digital inputs
RS485 Serial Output
(*) AV2 only
Type
Channels
Code
Open collector output
2
AO2900
Relay + open coll. output
2
AO2910
Power supply
Self p.s.
Auxiliary p.s.
Basic unit
Slot A Slot B Slot A Slot B
Open collector output
Relay + open coll. output
Type
Channels
Code
Digital inputs
2
AQ2940
RS485 Serial Output
1
AR2950
(*)


Similar Part No. - EM4-DINAV73CDR

ManufacturerPart #DatasheetDescription
logo
SAB North America
EM4-12 SAB-EM4-12 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-16 SAB-EM4-16 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20 SAB-EM4-20 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20C SAB-EM4-20C Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-25 SAB-EM4-25 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EM4-DINAV73CDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com