Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM4-DINAV63BDR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM4-DINAV63BDR
Description  Energy Management Energy Meter with plug-in Output Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM4-DINAV63BDR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM4-DINAV63BDR Datasheet HTML 1Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 2Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 3Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 4Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 5Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 6Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 7Page - List of Unclassifed Manufacturers EM4-DINAV63BDR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Specifications are subject to change without notice
EM4-DINDS1003
EM4-DIN
2000 VRMS output to
supply input
Digital outputs (on request)
AO2900 module
To be used as energy
retransmission, water and
gas, remote static outputs
and alarm. Three working
modes are selectable:
• two pulse outputs
(kWh and kvarh);
• one alarm output (kW
dmd) and one pulse
output (kWh or kvarh);
• one output remotely con-
trolled by means of the
serial port and one pulse
output (kWh or kvarh)
Pulse outputs
Number of outputs
2
Number of pulses
From 0.01 to 100 pulses
programmable according to
the selected CT and VT ratios
Output type
Open collector (NPN transistor )
VON 1.2 VDC / max. 100 mA
RS422/RS485 (on request)
AR2950 module
Type
Multidrop
bidirectional (static
and dynamic variables)
Connections
2 or 4 wires, max. distance
1200m, termination directly
on the module
Addresses
255, selectable by key-pad
Protocol
MODBUS/JBUS
Data (bidirectional)
Dynamic (reading only)
Phase and system variables:
see table “Display pages”
Static (writing only )
All the programming data,
reset of energy, activation of
static output.
Stored energy (EEPROM)
max. 99.999.999 kWh/kvarh
Data format
1 start bit, 8 data bit,
no parity, 1 stop bit
Baud-rate
9600 bit/s
Insulation
By means of optocouplers,
2000 VRMS output
to measuring inputs
Number of inputs
Current
3
Voltage
4
Accuracy (display, RS485)
Ib: 5A, Imax: 10A
Ib: 20A, Imax:90A
Un: see “Range code” on
previous page
Current
from 0.003Ib to 0.2Ib:
±(0.5%RDG +3DGT)
from 0.2Ib to Imax:
±(0.5%RDG +1DGT)
Voltage
in the range Un:
±(0,5% RDG + 1DGT)
Frequency
±0.1% RDG (50 to 60 Hz)
Active power
(@ 25°C ± 5°C, R.H.
≤ 90%)
±(1% RDG +1DGT). PF 1,
0.1Ib to Imax, in the Un range;
PF 0.5L, PF 0.8C, 0.2Ib to
Imax, in the Un range
Energies
(@ 25°C ± 5°C, R.H.
≤ 90%)
Class 1 acc. to EN61036
Class 2 acc. to EN61268
Ib: 5A, Imax: 10A
0.1Ib: 500mA,
Start up current: 20mA
Un: see table “range code”
Ib: 20A, Imax: 90A
0.1Ib: 2A,
Start up current: 80mA
Un: see table “range code”
Additional errors
Acc. to EN61036, EN61268
Wave form
<1% (3rd harmonic: 10%)
Voltage asymmetry
< 0.5% (referred to Un)
Magnetic induction
0 (up to 0.5 mT)
HF Electromagnetic fields
< 1%
Operation of accessories
0
Temperature drift
≤ 200ppm/°C
Sampling rate
1000 samplings/s @ 50Hz
Display
Type
Back-lighted LCD
Instantan. variables read-out
31/2 DGT
Energies
Total: 8 DGT + 71/2 DGT;
Partial: 8 DGT + 71/2 DGT;
Max. and Min. indication
Max. 1999 (99999999), Min. 0
Measurements
Power, energy.
TRMS measurements of
distorted wave forms.
Coupling type
Direct
Crest factor
Ib 5A
≤3 (15A max. peak)
Ib 20A
≤6 (127A max. peak)
Current overload
5(10) A, for 10ms
300A max, @ 50Hz
5(10) A, for 500ms
200A max, @ 50Hz
5(10) A, permanent
10A, @ 50Hz
20(90) A, for 10ms
2700A max, @ 50Hz
20(90) A, permanent
90A, @ 50Hz
Voltage overload
Permanent
1.2 Un
For 1s
2 Un
Input impedance
400
VL-L
(AV1-AV5-AV9)
> 720K
208VL-L
(AV0-AV4-AV8-AV2)
> 720K
660VL-L
(AV3-AV7)
> 1.97M
100VL-L
(AV6)
> 400K
5(10) A (AV4-AV5-AV6-AV7)
< 0.3VA
20(90) A (AV0-AV1-AV3-AV8-AV9) < 4VA
20(90) A (AV2)
< 4VA
Frequency
50 to 60 Hz
Interface module specifications
Input specifications


Similar Part No. - EM4-DINAV63BDR

ManufacturerPart #DatasheetDescription
logo
SAB North America
EM4-12 SAB-EM4-12 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-16 SAB-EM4-16 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20 SAB-EM4-20 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-20C SAB-EM4-20C Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
EM4-25 SAB-EM4-25 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EM4-DINAV63BDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com