Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C208220600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C208220600
Description  Timers Symmetrical Recycler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C208220600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C208220600 Datasheet HTML 1Page - List of Unclassifed Manufacturers C208220600 Datasheet HTML 2Page - List of Unclassifed Manufacturers C208220600 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (25.10.99)
1
Plug
Output
Time ranges
Supply: 24 VAC/DC
Supply: 120 VAC
Supply: 220 VAC
Circular
SPDT
0.15 -
6 s
C 118 024 006
C 118 120 006
C 118 220 006
8 pin
1.5 - 60 s
C 118 024 060
C 118 120 060
C 118 220 060
15
- 600 s
C 118 024 600
C 118 120 600
C 118 220 600
Circular
0.15 -
6 s
C 111 024 006
C 111 120 006
C 111 220 006
11 pin
1.5 - 60 s
C 111 024 060
C 111 120 060
C 111 220 060
15
- 600 s
C 111 024 600
C 111 120 600
C 111 220 600
Circular
DPDT
0.15 -
6 s
C 218 024 006
C 218 120 006
C 218 220 006
8 pin
1.5 - 60 s
C 218 024 060
C 218 120 060
C 218 220 060
15
- 600 s
C 218 024 600
C 218 120 600
C 218 220 600
Circular
0.15 -
6 s
C 211 024 006
C 211 120 006
C 211 220 006
11 pin
1.5 - 60 s
C 211 024 060
C 211 120 060
C 211 220 060
15
- 600 s
C 211 024 600
C 211 120 600
C 211 220 600
Plug
Output
Time ranges
Supply: 24 VAC/DC
Supply: 120 VAC
Supply: 220 VAC
Circular
SPDT
0.15 -
6 s
C 108 024 006
C 108 120 006
C 108 220 006
8 pin
1.5 - 60 s
C 108 024 060
C 108 120 060
C 108 220 060
15
- 600 s
C 108 024 600
C 108 120 600
C 108 220 600
Circular
0.15 -
6 s
C 101 024 006
C 101 120 006
C 101 220 006
11 pin
1.5 - 60 s
C 101 024 060
C 101 120 060
C 101 220 060
15
- 600 s
C 101 024 600
C 101 120 600
C 101 220 600
Circular
DPDT
0.15 -
6 s
C 208 024 006
C 208 120 006
C 208 220 006
8 pin
1.5 - 60 s
C 208 024 060
C 208 120 060
C 208 220 060
15
- 600 s
C 208 024 600
C 208 120 600
C 208 220 600
Circular
0.15 -
6 s
C 201 024 006
C 201 120 006
C 201 220 006
11 pin
1.5 - 60 s
C 201 024 060
C 201 120 060
C 201 220 060
15
- 600 s
C 201 024 600
C 201 120 600
C 201 220 600
Timers
Mono-function, plug-in, sym-
metrical, ON/OFF miniature
recyclers up to 600 s (10 min)
covering 3 individual time
ranges. Optional ON- or OFF-
time period first. This eco-
nomical relay is often used in
lighting systems such as ad-
vertising signs, etc.
Function
Output
Type
Power supply
Time range
• Time ranges: 0.15 s to 600 s
• Automatic start
• C .0.: Starts with OFF-time
C .1.: Starts with ON-time
• Knob-adjustable time within range
• Oscillator-controlled time circuit
• Repeatability deviation:
≤ 1%
• Output: 10 A SPDT or 8 A DPDT relay
• Plug-in type module
• Scantimer housing
• LED-indication for relay on
• AC or DC power supply
Symmetrical Recycler
Types C 101, C 201, C 108, C 208, C 111, C 211, C 118, C 218
Ordering Key
Product Description
Type Selection, OFF-Time Period First
Type Selection, ON-Time Period First
C 108 024 600


Similar Part No. - C208220600

ManufacturerPart #DatasheetDescription
logo
Heyco.
C2082 HEYCO-C2082 Datasheet
100Kb / 1P
   HEYCo-molded™ Liquid Tight Break-Thru Plugs
C2082 HEYCO-C2082 Datasheet
99Kb / 1P
   HEYCo-molded™ Liquid Tight Break-Thru Plugs
More results

Similar Description - C208220600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
   Timers Symmetrical Recycler
logo
Carlo Gavazzi Holding A...
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
   Timers Symmetrical Recycler Type ECS
logo
List of Unclassifed Man...
DCB01CM24 ETC2-DCB01CM24 Datasheet
110Kb / 3P
   Timers Asymmetrical Recycler
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
List of Unclassifed Man...
ECCCT23 ETC2-ECCCT23 Datasheet
34Kb / 2P
   Timers Asymmetrical Multi Recycler
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
   Symmetrical design
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Schneider Electric
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
   Symmetrical DIN rail
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com