Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM22-DINAV1AOA1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WM22-DINAV1AOA1
Description  Energy Management Power Analyzer with plug-in Output Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM22-DINAV1AOA1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WM22-DINAV1AOA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM22-DINAV1AOA1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Specifications are subject to change without notice
WM22-DINDS1003
the following ranges:
0 and 20mADC, 0 and 10VDC
Response time
System variables
V, W, VA, var, PF (cos
ϕ)
FFT off, filter off
900ms
FFT on, filter on
1.4s
variables
THD-V, THD-A
Filter off
3s
Ripple
≤1%accordingtoIEC60688-1,
EN 60688-1
Load
20 mADC
≤ 500 Ω
10 VDC
≥ 10 kΩ
Insulation
By means of optocouplers,
2000 VRMS between output
and measuring input
Analogue outputs (on request)
Number of outputs
1
Range
0 to 20 mADC
(AO2920 module slot B,
only for versions with
auxiliary power supply)
0 to 10VDC
(AO2921 module slot B,
only for versions with
auxiliary power supply)
Accuracy
±0.5% F.S.
Temperature drift
≤ 300 ppm/ °C
Scaling factor
Programmable within the
whole range of
retransmission;
it allows the retransmission
of all the values included in
Number of inputs
Current
3
Voltage
4
Accuracy (display, RS485)
Ib: 5A, Imax: 10A
Ib: 20A, Imax:90A
Un: see previous page
“Range code”
Current
from 0.003Ib to 0.2Ib:
±(0.5%RDG +3DGT)
from 0.2Ib to Imax:
±(0.5%RDG +1DGT)
Voltage
in the range Un:
±(0,5% RDG + 1DGT)
Frequency
±0.1% RDG (50 to 60 Hz)
Active power
(@ 25°C ± 5°C, R.H.
≤ 90%)
±(1% RDG +1DGT). PF 1,
0.1Ib to Imax, in the Un range;
PF 0.5L, PF 0.8C, 0.2Ib to
Imax, in the Un range
Reactive power
(@ 25°C ± 5°C, R.H.
≤ 90%)
±(2% RDG +1DGT). sin
ϕ 1,
0.05Ib to Imax, in the Un range;
sin
ϕ 0.5L, sinϕ 0.5C,
0.1Ib to Imax, in the Un range
Apparent power
(@ 25°C ± 5°C, R.H.
≤ 90%)
±(1% RDG +1DGT). PF 1,
0.1Ib to Imax, in the Un range
Energies
(@ 25°C ± 5°C, R.H.
≤ 90%)
Class 1 acc. to EN61036
Class 2 acc. to EN61268
Ib: 5A, Imax: 10A
0.1Ib: 500mA,
Start up corrent: 20mA
Un: see table “range code”
Ib: 20A, Imax: 90A
0.1Ib: 2A,
Start up current: 80mA
Un: see table “range code”
Harmonic distortion
±3% f.s. (f.s.: 100%)
(@ 25°C ± 5°C, R.H.
≤ 90%)
up to the 7th harmonic;
Un: see table “range code”
Ib 5A
Imin: 500mA;
Imax: 15Ap;
Ib 20A
Imin: 2A;
Imax: 127Ap;
Additional errors
Acc. to EN61036, EN61268
Wave form
<1% (3rd harmonic: 10%)
Voltage asymmetry
< 0.5% (referred to Un)
Magnetic induction
0 (up to 0.5 mT)
HF Electromagnetic fields
< 1%
Operation of accessories
0
Temperature drift
≤ 200ppm/°C
Sampling rate
1000 samplings/s @ 50Hz
Display
Type
Back-lighted LCD
Instantan. variables read-out
4x31/2 DGT
Energies
Total:1x71/2 DGT
Partial: 1x71/2 DGT
Max. and Min. indication
Max. 1999 (19999999), Min. 0
Measurements
Current, voltage, power,
energy, power factor, frequen-
cy, harmonic distortion (see
display specs). TRMS
measurements of distorted
wave forms.
Coupling type
Direct
Crest factor
Ib 5A
≤3 (15A max. peak)
Ib 20A
≤6 (127A max. peak)
Current overload
5(10) A, for 10ms
300 A max, @ 50Hz
5(10) A, for 500ms
200 A max, @ 50Hz
5(10) A, permanent
10A, @ 50Hz
20(90) A, for 10ms
2700A max, @ 50Hz
20(90) A, permanent
90A, @ 50Hz
Voltage overload
Permanent
1.2 Un
For 1s
2 Un
Input impedance
400
VL-L
(AV1-AV5-AV9)
> 720K
208VL-L
(AV0-AV4-AV8-AV2)
> 720K
660VL-L
(AV3-AV7)
> 1.97M
100VL-L
(AV6)
> 400K
5(10) A (AV4-AV5-AV6-AV7)
< 0.3VA
20(90) A (AV0-AV1-AV3-AV8-AV9) < 4VA
20(90) A (AV2)
< 4VA
Frequency
50 to 60 Hz
Interface module specifications
Input specifications
WM22-DIN


Similar Part No. - WM22-DINAV1AOA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM220-1 ETC1-WM220-1 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
logo
Molex Electronics Ltd.
WM2297CT MOLEX11-WM2297CT Datasheet
84Kb / 2P
   TERMINAL, PIN, .093/(2.36) DIA., CRIMP
More results

Similar Description - WM22-DINAV1AOA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV9 ETC2-EM3-DINAV9 Datasheet
94Kb / 4P
   Energy Management Energy Meter with plug-in Output Modules
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
   Energy Management Smart Modular Power Analyzer
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com