Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B101024600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B101024600
Description  Timers Interval
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B101024600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B101024600 Datasheet HTML 1Page - List of Unclassifed Manufacturers B101024600 Datasheet HTML 2Page - List of Unclassifed Manufacturers B101024600 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (25.10.99)
1
Plug
Output
Time ranges
Supply: 24 VAC/DC
Supply: 120 VAC
Supply: 220 VAC
Circular
SPDT
0.15 -
6 s
B 108 024 006
B 108 120 006
B 108 220 006
8 pin
1.5 - 60 s
B 108 024 060
B 108 120 060
B 108 220 060
15
- 600 s
B 108 024 600
B 108 120 600
B 108 220 600
Circular
0.15 - 6 s
B 101 024 006
B 101 120 006
B 101 220 006
11 pin
1.5 - 60 s
B 101 024 060
B 101 120 060
B 101 220 060
15
- 600 s
B 101 024 600
B 101 120 600
B 101 220 600
Circular
DPDT
0.15 -
6 s
B 208 024 006
B 208 120 006
B 208 220 006
8 pin
1.5 - 60 s
B 208 024 060
B 208 120 060
B 208 220 060
15
- 600 s
B 208 024 600
B 208 120 600
B 208 220 600
Circular
0.15 - 6 s
B 201 024 006
B 201 120 006
B 201 220 006
11 pin
1.5 - 60 s
B 201 024 060
B 201 120 060
B 201 220 060
15
- 600 s
B 201 024 600
B 201 120 600
B 201 220 600
Timers
Time ranges
0.15-
6 s
1.5 - 60 s
15
- 600 s
Time range accuracy
0 to +10% on max.
min. actual time
≤ min.
set time
Repeatability deviation
≤ 1%
Time variation
Within rated power supply
≤ 0.05%/V
and ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
Time and/or relay
≥250 ms
Mono-function, plug-in mini-
ature interval time relays up
to 600 s (10 min) covering 3
individual time ranges. This
economical timer is often
used in applications such as
lubricating pumps, drying ele-
ments, etc. where an opera-
tion is wanted to last for a lon-
ger period of time.
Function
Output
Type
Power supply
Time range
• Time ranges: 0.15 s to 600 s
• Automatic start
• Knob-adjustable time within range
• Oscillator-controlled time circuit
• Repeatability deviation:
≤ 1%
• Output: 10 A SPDT or 8 A DPDT relay
• Plug-in type module
• Scantimer housing
• LED-indication for relay on
• AC or DC power supply
Interval
Types B 101, B 201, B 108, B 208
Ordering Key
Product Description
Type Selection
Time Specifications
B 108 024 600


Similar Part No. - B101024600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1010-2R5155 ETC2-B1010-2R5155 Datasheet
59Kb / 2P
   Aerogel Capacitors
logo
Cooper Bussmann, Inc.
B1010-2R5155-R COOPER-B1010-2R5155-R Datasheet
250Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
B1010-2R5155-R EATON-B1010-2R5155-R Datasheet
364Kb / 3P
   Cylindrical cells
logo
Pan Jit International I...
B1010S PANJIT-B1010S Datasheet
556Kb / 5P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
September 30,2019-REV.02
B1010S_R2_00001 PANJIT-B1010S_R2_00001 Datasheet
556Kb / 5P
   MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
September 30,2019-REV.02
More results

Similar Description - B101024600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
   Timers Interval
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
EBDCD23 ETC2-EBDCD23 Datasheet
61Kb / 2P
   Timers Interval
logo
Carlo Gavazzi Holding A...
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
   Timers Interval Type EBS
logo
List of Unclassifed Man...
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
   Timers Interval, Delay on Release
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
Littelfuse
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
   Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
   Interval Timer
2016 Rev: 1-A-062116
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
   Interval Timer
2016 Rev: 1-A-062116
ERDI LITTELFUSE-ERDI Datasheet
494Kb / 2P
   Dedicated - Interval
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com