Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDM40TRXSXR1HTX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UDM40TRXSXR1HTX
Description  Digital Panel Meters Modular Indicator and Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UDM40TRXSXR1HTX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UDM40TRXSXR1HTX Datasheet HTML 3Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 4Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 5Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 6Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 7Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 8Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 9Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 10Page - List of Unclassifed Manufacturers UDM40TRXSXR1HTX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Specifications are subject to change without notice
UDM40DS 040706
11
UDM40
BP L
Power supply:
18 to 60V AC/DC
BO R4
Dual relay output +
Dual open collector
BO R2
Dual relay output
BO AV
Single analogue
output 10V, 20mA DC
BQ LSX, BQ LSE, BQ
LSF, BQ HSX, BQ TRX
Measuring inputs
Input modules
Serial port modules
BR SX
RS485 Serial port
BP H
Power supply:
60 to 260V AC/DC
Modules
BO R1
Single relay output
Output modules
Scale 1:1
Power supply modules
Output modules
BO R5
4 relay outputs
BR SY
RS232 Serial port


Similar Part No. - UDM40TRXSXR1HTX

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
UDM-1U APACER-UDM-1U Datasheet
2Mb / 4P
   Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM-1U-M APACER-UDM-1U-M Datasheet
2Mb / 4P
   Compliant with the standard USB, 20-pin Connector, Pin-Pitch B
UDM2A APACER-UDM2A Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-LP-90D APACER-UDM2A-LP-90D Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
UDM2A-M APACER-UDM2A-M Datasheet
1Mb / 4P
   USB2.0 flash disk module in a small form factor designed for embedded applications
More results

Similar Description - UDM40TRXSXR1HTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM35H CARLOGAVAZZI-LDM35H Datasheet
291Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM30AV1 CARLOGAVAZZI-LDM30AV1 Datasheet
128Kb / 4P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
   Digital Panel Meters Modular signal conditioner
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
   Panel Meters and Controllers Panel Meter Modular
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
   Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
Carlo Gavazzi Holding A...
LDI35CFD CARLOGAVAZZI-LDI35CFD Datasheet
66Kb / 3P
   Panel Meters and Controllers Temperature Meter/Controller
LDI35AV0 CARLOGAVAZZI-LDI35AV0 Datasheet
65Kb / 3P
   Panel Meters and Controllers Current and Voltage Meter/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com