Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGT02TCM060 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FGT02TCM060
Description  Photoelectrics Fibre Optics, Glass
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGT02TCM060 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FGT02TCM060 Datasheet HTML 1Page - List of Unclassifed Manufacturers FGT02TCM060 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AFGD 05
Focus point: 10 mm
2
Specifications are subject to change without notice (13.05.02)
FGT, FGD
General Specifications
Bending radius
FG...SCM...:
10 mm
FG...MCM...:
20 mm
FG...TCM...:
30 mm
Temperature range
FG...SCM...:
-25 to +60ºC (-13 to +140ºF)
FG...MCM...:
-25 to +120ºC (-13 to +248ºF)
FG...TCM...:
-25 to +200ºC (-13 to +392ºF)
Sheath material
FG...SCM...:
PVD and thermo polyolefine
FG...MCM...:
Metallic spiral and polyolefine
FG...TCM...:
Flexible INOX
Fibre
Diameter
∅1 mm, 400 x 50 µm
Attenuation vs. length (@ 4 m)
Through beam:
≤ 20%
Diffuse:
≤ 35%
Attenuation vs. bending radius
r = 15 mm:
≤ 3%
r = 10 mm:
≤ 15%
Optic Fibre
Fibre material
G
Glass
Fibre type
DDiffuse
T
Through-beam
Sensor head 01-99
Forthrunning type number
Sheath material
SStandard glass, PVC and thermo polyolefine
M
Metallic spiral and polyolefine
T
Flexible INOX
Fibre diameter
C
1.0 mm
Core condition
M
Multicore
Fibre length 001-999
cm 1 cm to 9.9 m
Ordering Key
FGT 01 SCS 200
Accessories - Lenses for FGT 01.. Fibre Optic
AFGT 03
Sensing range: 800 mm
17
11
18
25
20
AFGT 04
Sensing range: 800 mm
AFGT 06
Sensing range: 3000 mm
15
13
AFGT 07
Sensing range: 3000 mm
AFGD 08
Focus point: 30 mm
35


Similar Part No. - FGT02TCM060

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGT312 SANKEN-FGT312 Datasheet
175Kb / 4P
   Selection Guide
FGT313 SANKEN-FGT313 Datasheet
175Kb / 4P
   Selection Guide
FGT412 SANKEN-FGT412 Datasheet
175Kb / 4P
   Selection Guide
FGT612 SANKEN-FGT612 Datasheet
175Kb / 4P
   Selection Guide
More results

Similar Description - FGT02TCM060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFET01SC ETC2-AFET01SC Datasheet
72Kb / 1P
   Photoelectrics Fibre Optics, Plastic, Economy Line
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
   Glass Fibre-optic Specifications
ED5502NPAP ETC2-ED5502NPAP Datasheet
306Kb / 3P
   Photoelectrics Diffuse-reflective
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
KA02 ETC2-KA02 Datasheet
97Kb / 1P
   FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
   Photoelectrics Diffuse-reflective
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
   Photoelectrics Retro-reflective
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com