Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0805H104M Datasheet(PDF) 6 Page - Bi technologies

Part # LC0805H104M
Description  Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

LC0805H104M Datasheet(HTML) 6 Page - Bi technologies

  LC0805H104M Datasheet HTML 1Page - Bi technologies LC0805H104M Datasheet HTML 2Page - Bi technologies LC0805H104M Datasheet HTML 3Page - Bi technologies LC0805H104M Datasheet HTML 4Page - Bi technologies LC0805H104M Datasheet HTML 5Page - Bi technologies LC0805H104M Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-48
Model LC Series
LC
1206
L
223
M
7
Model Series
Size:
0805
1206
Circuit:
L = Low Current Ladder
H = High Current Ladder
Cutoff Frequency Code (KHz):
First two digits are significant.
Third digit denotes number of trailing zeros.
Packaging Option:
7 = Tape & 7" Reel (Standard)
0805: 4K/Reel
1206: 2K/Reel
B = Bulk (Optional)
0805: 2K/Bag
1206: 1K/Bag
Cutoff Frequency Tolerance:
(M =
±20%)
ORDERING INFORMATION
SCHEMATIC
V.V.
GND
SG


Similar Part No. - LC0805H104M

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0801CDT4 LEIDITECH-LC0801CDT4 Datasheet
150Kb / 3P
   USB 2.0 power and data line
LC0801CW LEIDITECH-LC0801CW Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE
More results

Similar Description - LC0805H104M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
SCHOTT CORPORATION
32423 SCHOTT-32423 Datasheet
15Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
   INDUCTOR , 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
   INDUCTOR, 6 mH, POTS LOW PASS FILTER
31629 SCHOTT-31629 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com