Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS93 Datasheet(PDF) 1 Page - Bi technologies

Part # HS93
Description  T1/CEPT/ISDN-Pri Telecom Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS93 Datasheet(HTML) 1 Page - Bi technologies

  HS93_07 Datasheet HTML 1Page - Bi technologies HS93_07 Datasheet HTML 2Page - Bi technologies HS93_07 Datasheet HTML 3Page - Bi technologies HS93_07 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
125
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
T1/CEPT/ISDN-Pri Telecom Products
RoHS
Compliant
for
‘LF’ Models
Specifications
Turns Ratio5 (±5%)
OCL
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Transformer
Primary : Secondary
(mH Min.)
Style
Pitch
Length
Width
Height
(Vrms)
HS00-005874
3
Single
1:2CT
1.20
6-pin DIL 100 mil
12.70
8.90
6.35
1500
HS00-015094
3
Single
1:1/1.26
1.50
6-pin DIL 100 mil
12.70
8.90
6.35
1500
HS93-987064
3
Single
1:1:1 (1:2CS)
1.20
6-pin DIL 100 mil
12.70
8.90
6.35
1500
HS93-977314
3
Single
1CT:2CT
1.20
10-pin DIL 100 mil
14.22
14.22
10.20
3000
HS00-00543
LF
Dual
1CT:2CT & 1:1.36CT
1.60 & 1.60 12-pin SMT 100 mil
17.20
12.80
6.00
1500
HS00-000914
3
Dual
1:2CT & 1:1.36
1.20 & 1.20
14-pin DIL 100 mil
20.30
9.80
6.35
1500
HS00-002274
3
Dual
1:1/1.26 & 1:2CT
1.50 & 1.20
14-pin DIL 100 mil
20.32
9.80
7.37
1500
HS93-987054
3
Dual
1:2CT & 1:1.36
1.20 & 1.20
14-pin DIL 100 mil
20.57
10.00
6.60
1500
HS00-001974
3
Dual
1CT:1CT & 1CT:3CT:1
1.20 & 1.20
16-pin DIL 100 mil
25.40
10.00
9.80
1500
HS00-00161
LF
Dual
1CT:1CT & 1CT:2.4CT
1.00 & 1.00 16-pin SMT 50 mil
12.70
9.53
6.22
1500
HS00-00214
LF
Dual
1:1.36CT & 1:2CT
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.65
5.50
1500
HS00-00571
LF
Dual
1CT:1CT & 1CT:2CT
1.20 & 1.20 16-pin SMT 50 mil
12.70
9.53
6.22
1500
HS00-00583
LF
Dual
1CT:2CT & 1CT:2CT
1.20 & 1.20 16-pin SMT 50 mil
12.70
9.53
6.22
1500
HS00-98679
LF
Dual
1CT:1CT & 1CT:1CT
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.53
6.22
1500
HS00-99629
LF
Dual
1:2 & 1:2
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.65
5.50
1500
HS00-99630
LF
Dual
1:1.26 & 1:1.26
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.65
5.50
1500
HS00-99706
LF
Dual
1CT:1.41CT & 1CT:1.41CT 1.00 & 1.00 16-pin SMT 50 mil
12.70
9.65
5.50
1500
HS93-01155
LF
Dual
1CT:2CT & 1CT:1.36CT
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.65
6.06
1500
HS93-01156
LF
Dual
2CT:1CT & 1CT:1.36CT
1.20 & 1.20 16-pin SMT 50 mil
12.70
9.65
6.06
1500
HS93-01163
LF
Dual
2CT:1/1.26 & 2CT:1/1.26
1.50 & 1.50 16-pin SMT 50 mil
12.70
9.26
6.06
1500
HS93-02060
LF
Dual
1:1.15CT & 1CT:2CT
1.20 & 1.20 16-pin SMT 50 mil
12.70
9.65
6.22
1500
HS93-99707
LF
Dual
1CT:1.41CT & 1CT:1.41CT 1.00 & 1.00 16-pin SMT 50 mil
12.70
9.53
6.22
1500
HT00-05077
LF
Dual
1:1.36CT & 1CT:2CT
1.20 & 1.20 16-pin SMT 50mil
12.70
9.53
6.22
1500
HT00-02027
3
Octal
1:2
1.50
32-pin SMT 50 mil
25.40
10.92
7.34
1500
HT00-02028
3
Octal
1:1.15
1.50
32-pin SMT 50 mil
25.40
10.92
7.34
1500
HT00-03035
3
Octal
1:1
1.20
32-pin SMT 50 mil
25.40
10.92
7.34
1500
HS00-00727
LF
Octal
Tx: 1:2 & Rx: 1:2CT
1.50 & 1.50 40-pin SMT 50 mil
29.80
16.26
6.95
1500
HS00-99576
LF
Octal
Tx: 1:2.4 & Rx: 1:1
1.20 & 1.20 40-pin SMT 50 mil
27.62
16.00
5.77
1500
HS00-99641
LF
Octal
Tx: 1:1.36CT & Rx: 1:2CT 1.20 & 1.20 40-pin SMT 50 mil
29.80
16.26
6.95
1500
HS00-01114
LF
Octal
Tx: 1:2CT & Rx 1CT:2
1.20 & 1.20 40-pin SMT 50 mil
27.62
16.00
5.77
1500
HS93-01260
LF
Octal
Tx: 1:2CT & Rx: 1CT:1
1.20 & 1.20 40-pin SMT 50 mil
29.80
16.26
6.95
1500
HS93-01675
LF
Octal
Tx: 1:1.36CT & Rx: 1:1
1.20 & 1.20 40-pin SMT 50 mil
29.80
16.26
6.95
1500
HS93-06054
LF
Octal
Tx: 1:2/2.4 & Rx: 1:0.79/1 1.00 & 1.00 40-pin SMT 50 mil
27.62
16.00
5.77
1500
HT00-03026
LF
Octal
Tx: 1:2.4 & Rx: 1:1
1.00 & 1.00 40-pin SMT 50 mil
27.94
16.26
5.77
1500
HT00-03027
LF
Octal Tx: 1:1.26CT & Rx: 1:1.26CT 1.20 & 1.20 40-pin SMT 50 mil
27.84
16.26
5.77
1500
HT00-03086
LF
Octal
Tx: 1:1.36 & Rx: 1:1.36CT 1.20 & 1.20
40-pinSMT 50 mil
27.62
16.00
5.77
1500
HT00-03093
LF
Octal
Tx: 1:1.15 & Rx: 1:2
1.50 & 1.50 40-pin SMT 50 mil
27.62
16.00
5.77
1500
HT00-04152
LF
Octal
Tx: 1:2CT & Rx: 1:2CT
1.20 & 1.20 40-pin SMT 50 mil
28.58
16.26
6.95
1500
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS00-00161TR or HS00-00161LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS93-02060LF or HS93-02060LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
(5) CT is Center Tap & CS is Split Center Tap


Similar Part No. - HS93_07

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
   Complete 關P Compatible 12-Bit DAC
logo
Bi technologies
HS9397725TB BITECH-HS9397725TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397725TR BITECH-HS9397725TR Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397727TB BITECH-HS9397727TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397727TR BITECH-HS9397727TR Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
More results

Similar Description - HS93_07

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
   T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E12 XFMRS-XF0023E12_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E13 XFMRS-XF0023E13_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com