Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8000T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8000T
Description  Smart card interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8000T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8000T Datasheet HTML 1Page - NXP Semiconductors TDA8000T Datasheet HTML 2Page - NXP Semiconductors TDA8000T Datasheet HTML 3Page - NXP Semiconductors TDA8000T Datasheet HTML 4Page - NXP Semiconductors TDA8000T Datasheet HTML 5Page - NXP Semiconductors TDA8000T Datasheet HTML 6Page - NXP Semiconductors TDA8000T Datasheet HTML 7Page - NXP Semiconductors TDA8000T Datasheet HTML 8Page - NXP Semiconductors TDA8000T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1996 Dec 12
5
Philips Semiconductors
Product specification
Smart card interface
TDA8000; TDA8000T
FUNCTIONAL DESCRIPTION
Power supply
The circuit operates within a supply voltage range of
6.7 to 18 V. VDD and GND are the supply pins. All card
contacts remain inactive during power-up or power-down,
provided VDD does not rise or fall too fast (0.5 V/ms typ.).
POWER-UP
The logic part is powered first and is in the reset condition
until VDD reaches Vth1. The sequencer is blocked until VDD
reaches Vth4 +Vhys4.
POWER-DOWN
When VDD falls below Vth4, an automatic deactivation of
the contacts is performed.
Voltage supervisor
This block surveys the 5 V supply of the microcontroller
(VSUP) in order to deliver a defined reset pulse and to avoid
any transients on card contacts during power-up or
power-down of VSUP.
The voltage supervisor remains active even if VDD is
powered-down.
POWER-UP
As long as VSUP is below Vth2 +Vhys2 the capacitor CDEL,
connected to the pin DELAY, will be discharged. When
VSUP rises to the threshold level, CDEL will be recharged.
ALARM and ALARM remain active, and the sequencer is
blocked until the voltage on the pin DELAY reaches Vth3.
POWER-DOWN (see Fig.3)
If VSUP falls below Vth2, CDEL will be discharged, ALARM
and ALARM become active, and an automatic deactivation
of the contacts is performed.
Clock circuitry (see Fig.4)
The clock signal (CLK) can be applied to the card by two
different methods:
1. Generation by a crystal oscillator: the crystal
(3 to 11 MHz) is connected to pin XTAL. Its frequency
is divided by two.
2. Use of a signal frequency already present in the
system and connected to the pin CLKIN (up to 8 MHz).
Pin XTAL has to be connected to GND via a 1 k
resistor. In this event, the CLKOUT signal remains
LOW.
In both events the signal is buffered and enabled.
Pin CLKOUT may be used to clock a microcontroller.
The signal (1
2fxtal or fxtal if CLKDIV is HIGH) is available
when the circuit is powered up.
State diagram
Once activated, the circuit has six possible modes of
operation:
• Idle
• Activation
• Read
• Write
• Deactivation
• Fault.
Figure 5 shows how these modes are accessible.
IDLE MODE
After reset, the circuit enters the IDLE state. A minimum
number of circuits are active while waiting for the
microcontroller to start a session:
• All card contacts are inactive
• Voltage generators are stopped
• Oscillator is running, providing CLKOUT
• Voltage supervisor is active
• Pins I/O1(µC) and I/O2(µC) are high impedance.
The OFF line is HIGH if a card is present (PRES and
PRES active) and LOW if a card is not present.
ACTIVATION SEQUENCE
From the IDLE mode, the circuit enters the ACTIVATION
mode when the microcontroller sets the START line
(active LOW). The I/O(
µC) signals must not be LOW.
The internal circuitry is activated, the internal clock starts
and the following ISO 7816 sequence is performed:
1. VCC rises from 0 to 5 V
2. I/Os are enabled
3. VPP rises from 0 to 5 V
4. No change
5. CLK is enabled
6. RST is enabled.
The typical time interval between two steps is 32
µs for the
first two steps and 64
µs for the other three. Timing is
derived from the internal clock (see Fig.6).


Similar Part No. - TDA8000T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001T PHILIPS-TDA8001T Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results

Similar Description - TDA8000T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com