Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR7090WT-L1-0001 Datasheet(PDF) 3 Page - Cree, Inc

Part # XR7090WT-L1-0001
Description  XLamp짰 XR LED Binning and Labeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XR7090WT-L1-0001 Datasheet(HTML) 3 Page - Cree, Inc

  XR7090WT-L1-0001 Datasheet HTML 1Page - Cree, Inc XR7090WT-L1-0001 Datasheet HTML 2Page - Cree, Inc XR7090WT-L1-0001 Datasheet HTML 3Page - Cree, Inc XR7090WT-L1-0001 Datasheet HTML 4Page - Cree, Inc XR7090WT-L1-0001 Datasheet HTML 5Page - Cree, Inc XR7090WT-L1-0001 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
3
CLD-AP07.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Performance Groups – Chromaticity
White XLamp LEDs are tested for chromaticity and placed into one of the regions defined by the bounding coordinates
below.
White Color Region Coordinates - 5000K – 10000K
Region
x
y
Region
x
y
Region
x
y
WA
.292
.306
WD
.329
.345
WG
.329
.369
.295
.297
.329
.330
.329
.345
.283
.284
.317
.319
.316
.332
.279
.291
.316
.332
.314
.355
WB
.306
.322
WE
.301
.342
WH
.348
.384
.308
.311
.306
.322
.346
.359
.295
.297
.292
.306
.329
.345
.292
.306
.287
.321
.329
.369
WC
.316
.332
WF
.314
.355
WJ
.329
.330
.317
.319
.316
.332
.329
.345
.308
.311
.306
.322
.346
.359
.306
.322
.301
.342
.344
.342
White Color Region Coordinates - 3500K – 5000K
Region
x
y
Region
x
y
Region
x
y
TA
.344
.342
TD
.387
.374
TG
.3755
.372
.346
.359
.402
.382
.380
.389
.363
.368
.395
.364
.392
.391
.360
.353
.382
.358
.387
.374
TB
.36
.353
TE
.346
.359
TH
.392
.391
.363
.368
.348
.384
.387
.374
.3755
.3715
.367
.386
.402
.382
.371
.3555
.363
.368
.409
.399
TC
.371
.3555
TF
.363
.368
.3755
.3715
.367
.386
.387
.374
.380
.389
.382
.358
.3755
.372


Similar Part No. - XR7090WT-L1-0001

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EH-F EXAR-XR71211EH-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHF EXAR-XR71211EHF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR71211EHMTR-F EXAR-XR71211EHMTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHTR-F EXAR-XR71211EHTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Similar Description - XR7090WT-L1-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com