Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREWHT-L1-0000-00601 Datasheet(PDF) 6 Page - Cree, Inc

Part # XREWHT-L1-0000-00601
Description  XLamp짰 XR-E LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREWHT-L1-0000-00601 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XREWHT-L1-0000-00601 Datasheet HTML 2Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 3Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 4Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 5Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 6Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 7Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 8Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 9Page - Cree, Inc XREWHT-L1-0000-00601 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
6
CLD-DS05.006
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Electrical Characteristics (T
J = 25˚C)
Thermal Design
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. Given
an existing thermal resistance of 8°C/W between the junction and the solder point, it is crucial for the end product to
be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize
lamp life and optical characteristics.
0
100
200
300
400
500
600
700
800
900
1000
0.0
1.0
2.0
3.0
4.0
5.0
Forward Voltage (V)
Cool White
Neutral White, Warm White, Blue
and Royal Blue
Rth,j-a
10
Rth,j-a
12
Max Current mA 1000
Ta
Max
Derated
Ta
Max
Derated
Tj max
°C
150
°C
mA
mA
°C
mA
mA
Max Vf
V
4.3
0
3488.4
1000.0
0
2907.0
1000.0
Max amb
°C
150
107
1000.0
1000.0
98.4
1000.0
1000.0
150
0.0
0.0
150
0.0
0.0
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
Ambient Temperature (°C)
Rj-a = 10°C/W
Rj-a = 12°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature (°C)
Rj-a = 10°C/W
Rj-a = 12°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rth,j-a
10
Rth,j-a
12
Max Current mA 1000
Ta
Max
Derated
Ta
Max
Derated
Tj max
°C
150
°C
mA
mA
°C
mA
mA
Max Vf
V
4.3
0
3488.4
1000.0
0
2907.0
1000.0
Max amb
°C
150
107
1000.0
1000.0
98.4
1000.0
1000.0
150
0.0
0.0
150
0.0
0.0
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
Ambient Temperature (°C)
Rj-a = 10°C/W
Rj-a = 12°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature (°C)
Rj-a = 10°C/W
Rj-a = 12°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W


Similar Part No. - XREWHT-L1-0000-00601

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
More results

Similar Description - XREWHT-L1-0000-00601

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
MC-E CREE-MC-E Datasheet
1Mb / 13P
   Cree짰 XLamp짰 MC-E LED
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com