Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC10-11GWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # SC10-11GWA
Description  26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC10-11GWA Datasheet(HTML) 4 Page - Kingbright Corporation

  SC10-11GWA Datasheet HTML 1Page - Kingbright Corporation SC10-11GWA Datasheet HTML 2Page - Kingbright Corporation SC10-11GWA Datasheet HTML 3Page - Kingbright Corporation SC10-11GWA Datasheet HTML 4Page - Kingbright Corporation SC10-11GWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAD2309
REV NO: V.8
DATE: MAY/24/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000781


Similar Part No. - SC10-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC10-11CGKWA KINGBRIGHT-SC10-11CGKWA Datasheet
371Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11EWA KINGBRIGHT-SC10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SRWA KINGBRIGHT-SC10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SURKWA KINGBRIGHT-SC10-11SURKWA Datasheet
376Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SYKWA KINGBRIGHT-SC10-11SYKWA Datasheet
372Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC10-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC10-11EWA KINGBRIGHT-SC10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11YWA KINGBRIGHT-SC10-11YWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11CGKWA KINGBRIGHT-SA10-11CGKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11GWA KINGBRIGHT-SA10-11GWA Datasheet
217Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SYKWA KINGBRIGHT-SA10-11SYKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SYKWA KINGBRIGHT-SC10-11SYKWA Datasheet
372Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11EWA KINGBRIGHT-SA10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SRWA KINGBRIGHT-SC10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SRWA KINGBRIGHT-SA10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11CGKWA KINGBRIGHT-SC10-11CGKWA Datasheet
371Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com