Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2040CT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SBR2040CT
Description  Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBR2040CT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBR2040CT Datasheet HTML 1Page - List of Unclassifed Manufacturers SBR2040CT Datasheet HTML 2Page - List of Unclassifed Manufacturers SBR2040CT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
_
_
SBR2040CT
SBR2040CTF
SBR2040CTI
SBR2040CTB
Figure 1: Typical Reverse Current
Figure 2: Typical Forward Voltage
Figure 3: Current Derating, Case
______________________________________________________________________________________________
www.apdsemi.com
Version 2.0 - April 2006
3
APD SEMICONDUCTOR reserves the right to make changes without further notice to any products herein. APD SEMICONDUCTOR makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does APD SEMICONDUCTOR assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in APD SEMICONDUCTOR data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APD SEMICONDUCTOR does not convey any license
under its patent rights nor the rights of others. APD SEMICONDUCTOR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APD SEMICONDUCTOR product could create a situation where personal injury or death may occur. Should Buyer
purchase or use APD SEMICONDUCTOR products for any such unintended or unauthorized application, Buyer shall indemnify and hold APD SEMICONDUCTOR and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that APD SEMICONDUCTOR was negligent regarding the design or manufacture of the part..
0
5
10
0
25
50
75
100
125
150
Tc, Case Temp (C)
0.1
1
10
100
0
1020
3040
Vr, Reverse Voltage (Volts)
Tj=150C
Tj=25C
Tj=125C
Tj=75C
0.1
1
10
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Vf, Instantaneous Forward Voltage (Volts)
Tj=25C
Tj=125C
Tj=150C
Tj=75C
1 Lagoon Drive, Suite 410, Redwood City, CA 94065, USA
Ph: 650 508 8896 FAX: 650 508 8865
Homepage: www.apdsemi.com
email: info@apdsemi.com


Similar Part No. - SBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2040CT DIODES-SBR2040CT Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR2040CT-G DIODES-SBR2040CT-G Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR2040CTFP DIODES-SBR2040CTFP Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2040CTFP DIODES-SBR2040CTFP Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com