Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201N11 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S201N11
Description  Voltage Input Type Solid State Relay with Built-in Snubber Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S201N11 Datasheet(HTML) 2 Page - Sharp Corporation

  S201N11 Datasheet HTML 1Page - Sharp Corporation S201N11 Datasheet HTML 2Page - Sharp Corporation S201N11 Datasheet HTML 3Page - Sharp Corporation S201N11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input resistance
Pickup voltage
Dropout voltage
ON-state voltage
Open circuit
leak current
Minimum
operating current
Zero-cross voltage
Isolation resistance
RIN
Vpu
160
M
Vdo
VT
Ileak
ton
IOP
VOX
Riso
toff
VD
=120Vrms, RL=500Ω
VD
=120Vrms, RL=500Ω
VD
=240Vrms, RL=500Ω
VD
=240Vrms, RL=500Ω
VD
=120Vrms
VD
=120Vrms, AC50Hz, RL=500Ω, VIN=3V
VD
=240Vrms, AC50Hz, RL=500Ω, VIN=3V
VD
=120Vrms, AC50Hz, RL=500Ω, VIN=3V
VD
=240Vrms, AC50Hz, RL=500Ω, VIN=3V
VD
=240Vrms
DC500V, 40 to 60%RH
IT
=1.6Arms, Resistance load, VIN=3V
VD
=60V, Resistance load, VIN=3V
VIN
=3V, RL=400Ω
1.6
0.5
0.7
10
35
11
0.5
11
1.3
20
11
3
100
1
V
V
V
Vrms
mArms
mArms
ms
ms
Turn-on
time
Turn-off
time
(Ta
=25°C)
S101N11/S101N12
S201N11/S201N12
S101N11/S101N12
S201N11/S201N12
S101N11/S101N12
S201N11/S201N12
S101N12/S201N12
S101N11/S101N12
S201N11/S201N12
S101N11/S101N12
S201N11/S201N12
S101N11
S101N12
S201N12
S201N11
S101N11/S101N12/S201N11/S201N12
Fig.1 RMS ON-state Current vs. Ambient
Temperature
Fig.2 Open Circuit Leak Current vs.
Ambient Temperature (Typical Value)
s Electrical Characteristics
s Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage
Load supply
voltage
Load operating current
Operating frequency
VIN
Vout
80
4
0.05
47
6
120
260
1.6
63
f
Refer to Fig.1
S101N11
S101N12
S201N12
S201N11
V
Vrms
Arms
Hz
Input
Output
(Ta
=25°C)
Ambient temperature Ta (°C)
0
2.5
2.0
1.5
1.6
1.0
0.5
140
120 125
100
80
60
40
30
20
−25
Ambient temperature Ta (°C)
0
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
80
60
40
20
0
−20
S201N11
S201N12
(VD=240Vrms)
S101N11
S101N12
(VD=120Vrms)


Similar Part No. - S201N11

ManufacturerPart #DatasheetDescription
logo
C&K Components
S201 CK-COMPONENTS-S201 Datasheet
340Kb / 5P
   Slide Switches
S201 CK-COMPONENTS-S201 Datasheet
340Kb / 5P
   S Series Slide Switches
S201 CK-COMPONENTS-S201 Datasheet
679Kb / 5P
   Slide Switches
logo
Microsemi Corporation
S20100 MICROSEMI-S20100 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S20100 MICROSEMI-S20100 Datasheet
148Kb / 2P
   SILICON POWER RECTIFIER
More results

Similar Description - S201N11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
logo
Picker Components
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
   AC Input Solid State Relay
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
   DC Input Solid State Relay
PCS34 PICKER-PCS34 Datasheet
575Kb / 3P
   AC Input Solid State Relay
logo
Crydom Inc.,
DP1210 CRYDOM-DP1210 Datasheet
297Kb / 3P
   Integrated Circuit Solid-State Relay
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
   Solid State Relays with Built-in Current Transformer
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
   AC/DC Input Solid State Relay
logo
WAGO Kontakttechnik Gmb...
857-168 WAGO-857-168 Datasheet
114Kb / 4P
   Basic solid-state relay; Nominal input voltage: 60 VDC
22.11.2021
857-164 WAGO-857-164 Datasheet
116Kb / 4P
   Basic solid-state relay; Nominal input voltage: 24 VDC
22.11.2021
857-704 WAGO-857-704 Datasheet
580Kb / 11P
   Solid-state relay module; Nominal input voltage: 24 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com