Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF105F-5110DT1ZSTXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF105F-5110DT1ZSTXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-5110DT1ZSTXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF105F-5110DT1ZSTXXX Datasheet HTML 1Page - Hongfa Technology HF105F-5110DT1ZSTXXX Datasheet HTML 2Page - Hongfa Technology HF105F-5110DT1ZSTXXX Datasheet HTML 3Page - Hongfa Technology HF105F-5110DT1ZSTXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7LIXYVLW
}{ihm{em
J9LAF?
}{ihm{em+
J9LAF?
xGFL9;L
J=KAKL9F;=
,9Pf KOAL;@AF?
;9H9;ALQ
,9Pf KOAL;@AF?
NGDL9?=
,9Pf KOAL;@AF?
;MJJ=FL
}.-|{v 1z+v8
xGAD HGO=J
~2.qhhid ~2.g32inqlq d ~2.ilhhid .}2v2iphhid ~zx00x hphhhh xz13~{~zy
jhim 1=Nf ifhh
khv jlh5vx imv jlh5vx jhv jlh5vx ihv jlh5vx
jhv jp5yx
ihv jp5yx
jhv jp5yx
ihv jp5yx
jmv jlh5vx imv jlh5vx jhv jlh5vx ihv jlh5vx
jhv jp5yx
ihv jp5yx
jhv jp5yx
ihv jp5yx
i P iho./2
jjo
yx LQH=rvHHJGPf qhhE6s
vx LQH=rvHHJGPfj5v
{AD= -Gfrziklmio
{AD= -Gfrx0xhqhhjhkijjqayx LQH=b
{AD= -Gfrlhhjmmip ayx LQH=b
yA=D=;LJA;
KLJ=F?L@
2@G;C J=KAKL9F;=
xGFKLJM;LAGF
yxr emm LG pm
vxr emm LG nh
97/.07,0
<:=:2BC@6 9:89 ?>E6@ @6;2G
iv
iw
ix a-.bix a-xb
mhE E9Pfa9L iv jl5yxb
v?2F.jdv?x<.
ojhh5vgmnh6 knhh5vgjph6 lphh5vgmnh6 jlhh5vgjph6
joo5vxgjp5yx
lhv
imv
jhv
ihv
xGFL9;L
9JJ9F?=E=FL
xGFL9;L E9L=JA9D
4>=B24B 52B2
4>:;
A276BG 2??@>D2; @2B:=8A
Y lhv KOAL;@AF? ;9H9:ADALQ
Y }=9NQ DG9< MH LG ojhh5v
Y /xw ;GAD L=JEAF9DKd A<=9D >GJ @=9NQ <MLQ DG9<
Y /D9KLA; K=9D=< 9F< <MKL HLGL=;L=< LQH=K 9N9AD9:D=
Y lC5 <A=D=;LJA; KLJ=F?L@
a:=LO==F ;GAD 9F< ;GFL9;LKb
Y 4+ AFKMD9LAGF KQKL=Er xD9KK { 9N9AD9:D=
Y zFNAJGFE=FL9D >JA=F<DQ HJG<M;L a1G}2 ;GEHDA9FLb
Y .MLDAF= yAE=FKAGFKr akjfl P jofk P jofpb EE
~FKMD9LAGF J=KAKL9F;=
w=LO==F ;GAD ` ;GFL9;LK
w=LO==F GH=F ;GFL9;LK
.H=J9L= LAE= a9L FGEAf NGDLfb
1=D=9K= LAE= a9L FGEAf NGDLfb
vE:A=FL L=EH=J9LMJ=
{MF;LAGF9D
y=KLJM;LAN=
5A:J9LAGF J=KAKL9F;=
}MEA<ALQ
3=JEAF9LAGF
4FAL O=A?@L
ihhh, a9L mhh5yxb
jmhh5vxglhhh5vx iEAF
imhh5vx iEAF
yx LQH=rimEK E9Pf
yx LQH=rihEK E9Pf
492@24B6@:AB:4A
qpEgKj
qphEgKj
ih}RLG mm}R ifmEE yv
m_ LG pm_ 1}
/xw ` 0x
vHHJGPfkn?
/D9KLA; K=9D=<d
yMKL HJGL=;L=<
D
56
=TXLW1 ib {GJ HD9KLA; K=9D=< LQH=d L@= N=FLAF?e@GD= K@GMD< := =P;AK=< AF
L=KLf
jb 3@= <9L9 K@GOF 9:GN= 9J= AFALA9D N9DM=Kf
kb /D=9K= >AF< ;GAD L=EH=J9LMJ= ;MJN= AF L@= ;@9J9;L=JAKLA; ;MJN=K :=DGOf
lb 4+ AFKMD9LAGF KQKL=ErxD9KK {d xD9KK wf
=TXLW1 ib vDD N9DM=K MFKH=;A>A=< 9J= 9L JGGE L=EH=J9LMJ=f
jb .FDQ LQHA;9D DG9<K 9J= DAKL=< 9:GN=f .L@=J DG9< KH=;A>A;9LAGFK
;9F := 9N9AD9:D= MHGF J=IM=KLf
i} LQH=ri P ihm./2 ajpv joo5vxd 1=KAKLAN= DG9<d
v?x<.d 1GGE L=EHfd iKGF qKG>>b
i{GJE v
i{GJE w
imv joo5vx
ihv jp5yx
igj}/ jmh5vx
igl}/ ijm5vx
joo5vxa{+vuihba+1vukkb
-.
-x
jhv joo5vx
igj}/ jmh5vx
igl}/ ijm5vx
ihv joo5vx
ihv jp5yx
joo5vxa{+vuihba+1vukkb
khv joo5vx
j}/ jmh5vx
i}/ ijm5vx
jhv joo5vx
jhv jp5yx
joo5vxa{+vujhba+1vunhb
i{GJE x
C;-
4C;
v?2F.j
v?x<.
v?x<.
v?2F.j
v?x<.
v?x<.
v?x<.
v?2F.j
v?x<.
v?x<.
khv joo5vx
lhv joo5vx
j}/ jmh5vx
i}/ ijm5vx
khv jp5yx
jpv joo5vx
joo5vxa{+vujhba+1vunhb
,=;@9FA;9D
=F<MJ9F;=
zD=;LJA;9D
=F<MJ9F;=


Similar Part No. - HF105F-5110DT1ZSTXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-5 HONGFA-HF105F-5 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-5 HONGFA-HF105F-5_15 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-5110DT1ZSTXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com