Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7053AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA7053AT
Description  Stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA7053AT Datasheet HTML 3Page - NXP Semiconductors TDA7053AT Datasheet HTML 4Page - NXP Semiconductors TDA7053AT Datasheet HTML 5Page - NXP Semiconductors TDA7053AT Datasheet HTML 6Page - NXP Semiconductors TDA7053AT Datasheet HTML 7Page - NXP Semiconductors TDA7053AT Datasheet HTML 8Page - NXP Semiconductors TDA7053AT Datasheet HTML 9Page - NXP Semiconductors TDA7053AT Datasheet HTML 10Page - NXP Semiconductors TDA7053AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Jul 15
7
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
Fig.3
Quiescent current as a function of supply
voltage.
handbook, halfpage
04
20
VP (V)
40
30
10
0
20
MBG672
812
16
Iq
(mA)
Fig.4 THD as a function of output power.
(1) VP = 4.5 V.
(2) VP = 6 V; RL =8 Ω.
(3) VP = 12 V; RL =25 Ω.
handbook, halfpage
12
THD
(%)
Pout (W)
0
8
10−2
10−1
1
MBG671
10
4
(1)
(2)
(3)
Fig.5 THD as a function of frequency.
(1) Gv = 30 dB; Po = 0.1 W.
(2) Gv = 40 dB; Po = 0.1 W.
handbook, halfpage
102
MBG669
10
1
10−2
10−1
f (kHz)
THD
(%)
10
0
4
6
8
2
(2)
(1)
Fig.6
Output power as a function of supply
voltage.
(1) RL =8 Ω.
(2) RL =16 Ω.
(3) RL =25 Ω.
handbook, halfpage
0
VP (V)
Pout
(W)
2.5
0
0.5
MBG670
1.0
1.5
2.0
4
8
12
16
(1)
(2)
(3)


Similar Part No. - TDA7053AT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-D16-T UTC-TDA7053A-D16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-R UTC-TDA7053A-S16-R Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-T UTC-TDA7053A-S16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AG-D16-T UTC-TDA7053AG-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7053AT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com