Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8GN-AD-FLK Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # H8GN-AD-FLK
Description  Preset Counter/Timer H8GN C-61
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8GN-AD-FLK Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button H8GN-AD-FLK Datasheet HTML 3Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 4Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 5Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 6Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 7Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 8Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 9Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 10Page - Omron Electronics LLC H8GN-AD-FLK Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Preset Counter/Timer
H8GN
C-67
Dimensions
Note: All units are in millimeters unless otherwise indicated.
7 mm
3.3 mm
3.4 mm
1.6 mm
No. 1 display digit size
Panel cutout
Gang mounting
40 min.
H8GN
No. 2 display digit size
Separate
mounting
0
(48
× No. of units
− 2.5)
+1.0
The product cannot
be made waterproof
when gang-mounted.
Insert the H8GN in the square cutout,
insert the adapter from the back, and
push the H8GN into the cutout as far
as possible. Use screws to secure the
H8GN. To make the H8GN waterproof,
insert waterproof packing and tighten
the screws.
When mounting two or more products
in a cutout, be sure that the ambient
temperature does not exceed the
specifications.
M3 terminal screw


Similar Description - H8GN-AD-FLK

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX OMRON-H7CX Datasheet
2Mb / 43P
   Multifunction Preset Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
logo
National Instruments Co...
NI9401 NI-NI9401 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com