Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8GN-AD Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H8GN-AD
Description  Preset Counter/Timer H8GN C-61
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8GN-AD Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H8GN-AD Datasheet HTML 7Page - Omron Electronics LLC H8GN-AD Datasheet HTML 8Page - Omron Electronics LLC H8GN-AD Datasheet HTML 9Page - Omron Electronics LLC H8GN-AD Datasheet HTML 10Page - Omron Electronics LLC H8GN-AD Datasheet HTML 11Page - Omron Electronics LLC H8GN-AD Datasheet HTML 12Page - Omron Electronics LLC H8GN-AD Datasheet HTML 13Page - Omron Electronics LLC H8GN-AD Datasheet HTML 14Page - Omron Electronics LLC H8GN-AD Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Preset Counter/Timer
H8GN
C-71
2. Using the H8GN as a Timer
Typical Application Examples
Typical Application Examples
1. Changing Set Values
2. Display
No. 1 Display
No. 2 Display
Power ON
Power ON
Operation Level
Set time range
Check timer mode
Check output mode
Check output time
Set SV
Reset PV
Operate
Operation Level
Initial Setting Level
Check the output mode.
Check the output time.
Output time:
Output mode:
Timer mode:
Time range:
Function:
Press the
Key.
PV:
PV/SV:
Time range
0.0 to 999.9 s
Timer mode
DOWN (remaining time)
Output mode
A mode
Output time
Hold
Input signal width
20 ms
Check the input signal width.
Input signal width:
Start operation
• Setup Procedure
• Confirming Set Values
Set value and selections in each
display can be changed by pressing
the
and
Keys.
Present value (PV)/
set value (SV)
Press the Level Key for at
least 3 s. Operation stops.
Set Counter/Timer
selection
Check input signal
width
Use the
and
Keys to select the timer
function.
Use the
and
Keys to set the time range to
999.9 s
Use the
and
Keys to set the timer mode to
remaining time.
Press the Level Key for at
least 1 s. Operation starts.
Use the
and
Keys to set the SV to 10.0.
Set values are effective two seconds after key operation is stopped or when the
or
Key is pressed.


Similar Description - H8GN-AD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
   COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
   Timer Counter
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
   Timer, Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
Omron Electronics LLC
H7CX OMRON-H7CX Datasheet
2Mb / 43P
   Multifunction Preset Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
   Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
   Counter/Timer/Tachometer
logo
National Instruments Co...
NI9401 NI-NI9401 Datasheet
451Kb / 5P
   C Series Digital Input and Counter/Timer Modules
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com