Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO5SMPBL4-B0G-A3 Datasheet(PDF) 4 Page - Cree, Inc

Part # LO5SMPBL4-B0G-A3
Description  5-mm Oval LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LO5SMPBL4-B0G-A3 Datasheet(HTML) 4 Page - Cree, Inc

  LO5SMPBL4-B0G-A3 Datasheet HTML 1Page - Cree, Inc LO5SMPBL4-B0G-A3 Datasheet HTML 2Page - Cree, Inc LO5SMPBL4-B0G-A3 Datasheet HTML 3Page - Cree, Inc LO5SMPBL4-B0G-A3 Datasheet HTML 4Page - Cree, Inc LO5SMPBL4-B0G-A3 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT06.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO5SMPBL4-B0G-A3
Rev. No.
02
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Full Color Display
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operation Temperature
Topr
-40 ~ +95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec duty <=1/10
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
3.4
4.0
V
Reverse Current
IR
VR = 5V
---
---
100
A
Dominant Wavelength
D
IF = 20mA
465
470
475
nm
Luminous Intensity
IV
IF = 20mA
200
350
---
mcd
2
½H-H
IF = 20mA
---
110
---
deg
50% Power Angle
2
½V-V
IF = 20mA
---
50
---
deg


Similar Part No. - LO5SMPBL4-B0G-A3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO5SMPHR4-B0G-A CREE-LO5SMPHR4-B0G-A Datasheet
335Kb / 5P
   5-mm Oval LED
LO5SMPPG4-B0G-A3 CREE-LO5SMPPG4-B0G-A3 Datasheet
339Kb / 5P
   5-mm Oval LED
More results

Similar Description - LO5SMPBL4-B0G-A3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
   5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
   5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
   5-mm Oval LED
LO566TWN1-70G-A1 CREE-LO566TWN1-70G-A1 Datasheet
361Kb / 6P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME_15 Datasheet
521Kb / 10P
   5-mm Oval LED
logo
Cree, Inc
LO5SMPHR4-B0G-A CREE-LO5SMPHR4-B0G-A Datasheet
335Kb / 5P
   5-mm Oval LED
LO5SMTWN1-B0G-A1 CREE-LO5SMTWN1-B0G-A1 Datasheet
365Kb / 6P
   5-mm Oval LED
LO566THR4-70G-A2 CREE-LO566THR4-70G-A2 Datasheet
337Kb / 5P
   5-mm Oval LED
LO566TWN1-70H-A1 CREE-LO566TWN1-70H-A1 Datasheet
367Kb / 6P
   5-mm Oval LED
LO5SMTPG4-B0G-A2 CREE-LO5SMTPG4-B0G-A2 Datasheet
336Kb / 5P
   5-mm Oval LED
LO566TBL4-70G-A CREE-LO566TBL4-70G-A Datasheet
334Kb / 5P
   5-mm Oval LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com