Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF2120-1A18FXXX Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF2120-1A18FXXX
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2120-1A18FXXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF2120-1A18FXXX Datasheet HTML 1Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 2Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 3Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 4Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 5Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ijm
0JC<HI:C
,>ADI 9JIN
~DIDG AD69
t6AA6HI
?SWMV3 ha sAA K6AJ:H JCHE:8>;>:9 6G: 6I GDDB I:BE:G6IJG:e
ia +CAN INE>86A AD69H 6G: A>HI:9 67DK:e +I=:G AD69 HE:8>;>86I>DCH 86C 7: 6K6>A67A: JEDC G:FJ:HIe
C498DI 4AAB@F4= B4D<?:C
E=/6E=
v:;>C>I:
EJGEDH:
`}.sd
AD69:9 GDIDGa
`x}sd;JAA AD69a
y:C:G6A
EJGEDH:
<RVXPJWOSR VWJRLJUL
93 uA6HH x
?OP3 uA6HH t
D3s</C+i
?OP3 s<u9+
zxihhg
zxihig
dhs
dhiv
143hxDGB s 153hxDGB t
163hxDGB u
@B78B<?: <?9@B>4D<@?
DZTM
`444a
6SRWJKW JUUJRNMQMRW
6SOP YSPWJNM
lc mc pc hic hlc hoc ikc koc ngc hhg2vu
x
0
6SRWJKW QJWMUOJP
=SJL WZTM
FSPWV
1 9SUQ 4
1 9SUQ 5
1 9SUQ 6 ,?@-
1 9SUQ 6 ,?6-
.:H>HI>K:
hilfikg2su
jgs
hls
jgs
hls
inn2su
jgs
jgs
jgs
jgs
hilfikg2su
jgs
hls
jg2vu
igs
hgs
igs
hgs
inn2su
igs
ikg2su
hls
ilg2su
kgs
kgs
hilfikgfinn2su
ms
js
ms
js
hil2su
ogg2s
ipg2s
ogg2s
ipg2s
hil2su
mpg2s
mpg2s
hil2su
ogg2s
ogg2s
ikg2su
hhli2s
nmo2s
hhli2s
nmo2s
inn2su
nmk2s
nmk2s
hil2su
hz,
hfkz,
hz,
hfkz,
ikg2su
iz,
hz,
iz,
hz,
hil2su
hz,
hz,
hilfinn2su
jfkz,
jfkz,
hig2su
oieo}.sc hjeox}s
oieo}.sc hjeox}s
hil2su
pm}.sc jgx}s
jj}.sc hgx}s
mg}.sc igx}s
jj}.sc hgx}s
hil2su
mg}.sc igx}s
jg}.sc hix}s
mg}.sc igx}s
jg}.sc hix}s
hil2su
oieo}.sc inx}s
oieo}.sc inx}s
ikg2su
og}.sc jgx}s
jj}.sc hgx}s
mg}.sc igx}s
jj}.sc hgx}s
ikg2su
khek}.sc mepx}s
khek}.sc mepx}s
inn2su
mg}.sc igx}s
mg}.sc igx}s
hil2su
hls
hls
ikg2su
ls
ls
js
hig2su
js
ikg2su
js
?SWMV3 ha 0D 6KD>9 JH>C< G:A6NH JC9:G HIGDC< B6<C:I>8 ;>:A9 L=>8= L>AA 8=6C<: I=: E6G6B:I:GH D; G:A6NH HJ8= 6H E>8@dJE KDAI6<: 6C9 9GDEdDJI KDAI6<:e
ia .:A6NH B6N 7: 96B6<:9 7:86JH: D; ;6AA>C< DG L=:C H=D8@>C< 8DC9>I>DCH :M8::9 I=: G:FJ>G:B:CIe
ja s7DJI EG:;:G67A: 8DC9>I>DC D; DE:G6I>DCc HIDG6<: 6C9 IG6CHEDGI6I>DCc EA:6H: G:;:G ID ]wMEA6C6I>DC ID I:GB>CDAD<N 6C9 <J>9:I>C:H D; G:A6N]e
ka xDG JC:C8ADH:9 INE:c 7:6J86JH: I=:G: >H CD 8DK:G EGDI:8I>DCc I=: EGD9J8IH B6N 7: 8DCI6B>C6I: 7N E6GI>8A:H 9JG>C< IG6CHEDGI6I>DC 6HH:B7AN
DG JH6<:c L=>8= B6N 86JH: G:A6N ;6>AJG:c HD I=: EGD9J8:H H=DJA9 7: :;;:8I>K:AN EGDI:8I:9 6I 8JHIDB:G H>9:czDC<;6 HJ<<:HI ID JH:
zxihlgfzxihmg INE:c >; CD DI=:G HE:8>6A G:FJ>G:B:CIe
CTMKOJP KSLMla
HHH3 uJHIDB:G HE:8>6A G:FJ>G:B:CI
?OP3 /I6C96G9
la 0=: 8JHIDB:G HE:8>6A G:FJ>G:B:CI :MEG:HH 6H HE:8>6A 8D9: 6;I:G :K6AJ6I>C< 7N zDC<;6e


Similar Part No. - HF2120-1A18FXXX

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF21200E-SJB SOSHIN-HF21200E-SJB Datasheet
390Kb / 4P
   DC 1000VDC
More results

Similar Description - HF2120-1A18FXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com