Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSC9620 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GSC9620
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSC9620 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GSC9620 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSC9620 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSC9620 Datasheet HTML 3Page - List of Unclassifed Manufacturers GSC9620 Datasheet HTML 4Page - List of Unclassifed Manufacturers GSC9620 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSC9620
Page: 1/5
ISSUED DATE :2006/04/20
REVISED DATE :
G
G S
S C
C 99662200
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GSC9620 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited
for low voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching Characteristics
*Capable of 2.5V Drive
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current3
ID @TA=25 :
-9.5
A
Continuous Drain Current3
ID @TA=70 :
-7.6
A
Pulsed Drain Current1
IDM
-76
A
Total Power Dissipation
PD @TA=25 :
2.5
W
Linear Derating Factor
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-amb
50
/
: W
BVDSS
-20V
RDS(ON)
20m
ID
-9.5A
Pb Free Plating Product


Similar Part No. - GSC9620

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC9620 GTM-GSC9620 Datasheet
308Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSC9620

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com