Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF2160-1C-70DEFXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF2160-1C-70DEFXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2160-1C-70DEFXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF2160-1C-70DEFXXX Datasheet HTML 1Page - Hongfa Technology HF2160-1C-70DEFXXX Datasheet HTML 2Page - Hongfa Technology HF2160-1C-70DEFXXX Datasheet HTML 3Page - Hongfa Technology HF2160-1C-70DEFXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867; R]n4 7466
Dgad hgo]j
Bhhjgp4 ?66eW
Gad] Ng4@F79:;7=
Gad] Ng4@DQD766686:?7<<
DgflY[l
j]kaklYf[]
DgflY[l jYlaf_
/R]k4 dgY\0
MYp4 koal[`af_
hgo]j
8:;
S`g[c
j]kaklYf[]
Ea]d][lja[
klj]f_l`
BeZa]fl l]eh]jYlmj]
C]lo]]f [gad . [gflY[lk
7p76=OPS
7B lqh]@7p76;OPS /96B 8:6VBD2 R]kaklan]
dgY\2 B_D\O2 Rgge l]eh42 7k gf ?k g^^0
Gad] Ng4@ R;67;9>9;
z 96B koal[`af_ [YhYZadalq
z PDC [gad l]jeafYdk2 a\]Yd ^gj `]Ynq \mlq dgY\
z 84;cV \a]d][lja[ klj]f_l`
/Z]lo]]f [gad Yf\ [gflY[lk0
z PdYkla[ k]Yd]\ Yf\ Emkl hjgl][l]\ lqh]k YnYadYZd]
z UL afkmdYlagf kqkl]e@ DdYkk G YnYadYZd]
z Ffnajgfe]flYd ^ja]f\dq hjg\m[l /RgIS [gehdaYfl0
z Omldaf] Eae]fkagfk@ /98 p 8=4; p 7?4>0 ee
Yl 89
Dgad
R]kaklYf[]
MYp4
VgdlY_]
VED
8=p/7 76-0
:6p/7 76-0
?=p/7 76-0
7;;p/7 76-0
8;<p/7 76-0
9>6p/7 76-0
<<6p/7 76-0
8;<6 p /7 76-0
;;66 p /7 76-0
79:;6 p /7 76-0
7B
7C
7D /NO0
7D /ND0
;6e eYp4/Yl 7B 8:VED0
B_SfO82 B_D\O
96B 8:6VBD 7;B 8:6VBD 86B 8:6VBD 76B 8:6VBD
86B 96VED
76B 96VED
86B 96VED 76B 96VED
<66W
966W
<66W
966W
8==VBD 5 96VED
:6B
7;B
86B
76B
DgflY[l
YjjYf_]e]fl
MYp4 koal[`af_
ngdlY_]
MYp4 koal[`af_
[mjj]fl
DgflY[l eYl]jaYd
M][`Yfa[Yd
]f\mjYf[]
=866VB
9<66VB
:>66VB
8:66VB
0:9=.0= 1.=.
<4;
=4>
774=
7;4<
7?4;
894:
9748
<84:
?746
7:946
05.;.0=2;6<=60<
JfkmdYlagf j]kaklYf[]
C]lo]]f gh]f [gflY[lk
Oh]jYl] lae] /Yl fgea4 ngdl40
R]d]Yk] lae] /Yl fgea4 ngdl40
Gmf[lagfYd
E]kljm[lan]
VaZjYlagf j]kaklYf[]
Imea\alq
T]jeafYlagf
Ufal o]a_`l
Dgfkljm[lagf
7666M /Yl ;66VED0
8;66VBD 7eaf
7;66VBD 7eaf
7;ek eYp4
76ek eYp4
3;;gDlg>;gD
?>e5k8
?>6e5k8
76Ir lg ;;Ir 74;ee EB
;- lg >;- RI
PDC.QD
Bhhjgp4 96_
PdYkla[ k]Yd]\2
Emkl hjgl][l]\
Fd][lja[Yd
]f\mjYf[]
;
<
?
78
7;
94=;
:4;6
<4=;
?466
7748;
64;
64<
64?
748
74;
7>
8:
:>
=6
776
794;6
7>466
9<466
;84;6
>84;6
74>
84:
:4>
=46
7746
NgeafYd
VgdlY_]
VED
Pa[c3mh
VgdlY_]
VED
eYp4
Ejgh3gml
VgdlY_]
VED
eaf4
0:67 1.=.
9JNDM- 70 GgjhdYkla[ k]Yd]\ lqh]2 l`] n]flaf_3`gd] k`gmd\ Z] ]p[ak]\ af
l]kl4
80 T`] \YlY k`gof YZgn] Yj] afalaYd nYdm]k4
90 Pd]Yk] ^af\ [gad l]eh]jYlmj] [mjn] af l`] [`YjY[l]jakla[ [mjn]k Z]dgo4
:0 UL afkmdYlagf kqkl]e@ DdYkk G2 DdYkk C4
1
9JNDM-
1MYpaeme ngdlY_] j]^]jk lg l`] eYpaeme ngdlY_] o`a[` j]dYq
[gad [gmd\ ]f\mj] af Y k`gjl h]jag\ g^ lae]4


Similar Part No. - HF2160-1C-70DEFXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2160-1C-12DETF HONGFA-HF2160-1C-12DETF Datasheet
81Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2160-1C-18DETF HONGFA-HF2160-1C-18DETF Datasheet
81Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2160-1C-24DETF HONGFA-HF2160-1C-24DETF Datasheet
81Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2160-1C-48DETF HONGFA-HF2160-1C-48DETF Datasheet
81Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2160-1C-5DETF HONGFA-HF2160-1C-5DETF Datasheet
81Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2160-1C-70DEFXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com