Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF94F-012D2C12S Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF94F-012D2C12S
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF94F-012D2C12S Datasheet(HTML) 1 Page - Hongfa Technology

  HF94F-012D2C12S Datasheet HTML 1Page - Hongfa Technology HF94F-012D2C12S Datasheet HTML 2Page - Hongfa Technology HF94F-012D2C12S Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U_gj_l[nol_ lcm_ /[n higc5 pifn50
Cg\c_hn n_gj_l[nol_
Tbi]e l_mcmn[h]_
87Jt ni <<Jt 85=<gg FC
Fc_f_]nlc]
mnl_hanb
4HERSPHQ
Hcf_ Oi5AG8:;<8>
Hcf_ Oi5AERE7@7797:>?8; /FE nsj_0
ERE8;77988;;;> /CE nsj_0
Eihn[]n l[ncha
/S_m5 fi[^0
FE nsj_A Cjjlir5 85>XB
CE nsj_A Cjjlir5 ;57WC
JPOIHC SGMCZ
Eicf jiq_l
Qf[mnc] m_[f_^3
Hfor jlii`_^
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978< S_p5 8577
9=8
Hcf_ Oi5A;778=87@
/1 RTOH /[n =7Jt0
/1 RTOH /[n <7Jt0
21 RTOH
:<5>r /8 87-0
?:7r /8 87-0
9=77r /8 87-0
9?>7r /8 87-0
:?77r /8 87-0
;>77r /8 87-0
79;C=
897C=
97?C=
997C=
9;7C=
9>>C=
9;
897
97?
997
9;7
9>>
8@59
@=
8==5;
8>=
8@9
9985=
;5?
9;
;85=
;;
;?
<<5;
9=5;
8:9
99@
9;9
9=;
:7<
79;C<
897C<
97?C<
997C<
9;7C<
9>>C<
9;
897
97?
997
9;7
9>>
8@59
@=
8==5;
8>=
8@9
9985=
;5?
9;
;85=
;;
;?
<<5;
9=5;
8:9
99@
9;9
9=;
:7<
;<r /8 87-0
889<r /8 87-0
:9>?r /8 87-0
:?77r /8 87-0
;<77r /8 87-0
<@=7r /8 87-0
64-~4
1;:?/1? 2/?/
9C3 9E
<7g g[r5/[n 8C 9;WFE0
CaThP93 CaE^P
OPA :7C 9<7WCEB :7C 9>>WCE
OEA :C 9<7WCEB :C 9>>WCE
9>>WCE
:7C
?:87WC
<r87=PQT
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
N[r5 mqcn]bchapifn[a_
N[r5 mqcn]bcha]oll_hn
N[r5 mqcn]bchajiq_l
N_]b[hc][f _h^ol[h]_
1;78
97:7/?@=3 7:?3=9327/?3 <;B3= =38/D
8777N /[n <77WFE0
;777WCE 8gch
8<77WCE 8gch
9777WCE 8gch
87eW /8596<7wm0
FE nsj_A 9<gm g[r5
FE nsj_A 9<gm g[r5
@?g6m9
@?7g6m9
CEA 4;7 ni =<
FEA 4;7 ni ?<
QED3 RE
Cjjlir5 ?=a
16/=/1?3=7>?71>
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
D_nq__h ]ihn[]n jif_m
Tola_ pifn[a_ /\_nq__h ]icf . ]ihn[]nm0
Pj_l[n_ ncg_ /[n higc5 pifn50
S_f_[m_ ncg_ /[n higc5 pifn50
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Jogc^cns
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
Z :7C mqcn]bcha][j[\cfcns
Z El__j[a_ ^cmn[h]_A ?gg
Z ;eW ^c_f_]nlc] mnl_hanb /\_nq__h ]icf [h^ ]ihn[]nm0
Z VM chmof[ncih msmn_gA Ef[mm H
Z Qf[mnc] m_[f_^ [h^ ^omn jlin_]n_^ nsj_m [p[cf[\f_
Z QED . RE f[sionm [p[cf[\f_
Z Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
Z Ponfch_ Fcg_hmcihmA /<957 r ::5> r 9=5>0 gg
1;78 2/?/
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
N[r5
Wifn[a_
WFE 1
<
=
89
9;
;?
887
8<5:r /8 87-0
99r /8 87-0
?=r /8 87-0
:<7r /8 87-0
8:@7r /8 87-0
>9<<r /8 87-0
:5?
;5<
@
8?
:=
?95<
75<
75=
859
95;
;5?
88
?57
@5=
8@59
:?5;
>=5?
8>=
[n 9:
CE nsj_A@7L g[r5
FE nsj_A>7L g[r5
<- ni ?<- SJ
Eicf
Ei^_
77<F
77=F
789F
79;F
7;?F
887F
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
N[r5
Wifn[a_
WFE 1
Eicf
Ei^_
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
N[r5
Wifn[a_
WFE 1
Eicf
Ei^_
8r87< PQT /OPA :7C 9>>WCE3
S_mcmncp_ fi[^3 Siig n_gj53 8m ih @m i``W
8r87< PQT /OEA :C 9>>WCE3
S_mcmncp_ fi[^3 Siig n_gj53 8m ih @m i``W
Gf_]nlc][f _h^ol[h]_
:NRHQ. Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
A
23


Similar Part No. - HF94F-012D2C12S

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F-10A1201XXX HONGFA-HF94F-10A1201XXX Datasheet
80Kb / 3P
   HIGH POWER RELAY
HF94F-10A1202XXX HONGFA-HF94F-10A1202XXX Datasheet
80Kb / 3P
   HIGH POWER RELAY
HF94F-10A120XXX HONGFA-HF94F-10A120XXX Datasheet
80Kb / 3P
   HIGH POWER RELAY
HF94F-10A241XXX HONGFA-HF94F-10A241XXX Datasheet
80Kb / 3P
   HIGH POWER RELAY
HF94F-10A242XXX HONGFA-HF94F-10A242XXX Datasheet
80Kb / 3P
   HIGH POWER RELAY
More results

Similar Description - HF94F-012D2C12S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com