Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF105F-4L018DK-1HFXXX Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF105F-4L018DK-1HFXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-4L018DK-1HFXXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF105F-4L018DK-1HFXXX Datasheet HTML 1Page - Hongfa Technology HF105F-4L018DK-1HFXXX Datasheet HTML 2Page - Hongfa Technology HF105F-4L018DK-1HFXXX Datasheet HTML 3Page - Hongfa Technology HF105F-4L018DK-1HFXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0QPUFGU OFUISMFN
?- DbUiQ8
:MN- DbF_Q
8:7
70
6PTVNFUMQP TUFPHFSH
3- Fg\nn I
:MN- Fg\nn E
10 UYRI
.0 UYRI
1
1
80 Fjio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn
ji RFE4
0QMN UISOMPFN XMHUL
7- :4>hh
:MN- 84>hh
KI76;I3:@ 96D
KI76;I3:N@ 8;D
KI76;I3: 5 67>
37K
GM
U
0;68 1.?.
0QMN WQNUFKI JQSO
1- GF
.- DF
10- ;XGF oj 776XGF
.0- 78XDF oj 8==XDF
0QPTUSVGUMQP
>- Rg\nod^ n`\g`_
:MN- Gpno kmjo`^o`_
0QPUFGU FSSFPKIOIPU *5-7 Ijmh D *1-7 Ijmh E *E-7 Ijmh F
;=12=6:4 6:3;=9.?6;:
;
<
?
78
7;
7>
8:
:>
=6
776
8=s/7 76-0
:6s/7 76-0
?=s/7 76-0
7;;s/7 76-0
8;<s/7 76-0
9>6s/7 76-0
<<6s/7 76-0
8;<6 s /7 76-0
;;66 s /7 76-0
79:;6 s /7 76-0
94=;
:4;6
<4=;
?466
7748;
794;6
7>466
9<466
;84;6
>84;6
64;
64<
64?
748
74;
74>
84:
:4>
=46
77
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Xjgo\b`
XGF
<4;
=4>
774=
7;4<
7?4;
894:
9748
<84:
?7
7:9
V
/ZZZ0
?YRI
\o 89
I
:QUIT- 70 Yc`i m`lpdmdib kd^f3pk qjgo\b` B >6- ja ijhdi\g qjgo\b`2
nk`^d\g jm_`m \ggjr`_4
80 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n \o ;6Ku4 Yc`i
m`lpdmdib <6Ku2 nk`^d\g jm_`m \ggjr`_4
90
1O\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c
m`g\t ^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`4
0QMN WQNUFKI
78
8:
786
86>
886
8:6
8==
8;s/7 76-0
766s/7 76-0
8;66 s /7 76-0
77666 s /7 76-0
79:?6 s /7 76-0
79:?6 s /7 76-0
7;666 s /7 76-0
?4<
7?48
?<46
7<<4:
7=<
7?8
886
84:
:4>
8:46
:7
::
:>
;:
Pjhdi\g
Xjgo\b`
XDF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XDF
h\s4
Gmjk3jpo
Xjgo\b`
XDF
hdi4
O\s4
Xjgo\b`
XGF
7;4<
9748
7;<
8=64:
8><
8><
9<647
:QUIT- 70 Y` m`^jhh`i_ _pno kmjo`^o`_ otk`n ajm \ ^g`\i `iqdmjih`io /am`` amjh ^jio\hdi\odjin gdf` K8U2UQ82PQ82 _pno2 `o^404
Y` npbb`no oj ^cjjn` kg\nod^ n`\g`_ otk`n \i_ q\gd_\o` do di m`\g \kkgd^\odji ajm \i pi^g`\i `iqdmjih`io /rdoc ^jio\hdi\odjin
gdf` K8U2UQ82PQ82 _pno2 `o^404
>RIGMFN GQHI90
CCC- Fpnojh`m nk`^d\g m`lpdm`h`io
:MN- Uo\i_\m_
90 Vc` ^pnojh`m nk`^d\g m`lpdm`h`io `skm`nn \n nk`^d\g ^j_` \ao`m `q\gp\odib ]t Kjiba\4


Similar Part No. - HF105F-4L018DK-1HFXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-4 HONGFA-HF105F-4 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILNILF HONGFA-HF105F-4018AK1DNILNILF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILTF HONGFA-HF105F-4018AK1DNILTF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILTNIL HONGFA-HF105F-4018AK1DNILTNIL Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DSNILF HONGFA-HF105F-4018AK1DSNILF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-4L018DK-1HFXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com