Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7052BT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA7052BT
Description  Mono BTL audio amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052BT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA7052BT Datasheet HTML 1Page - NXP Semiconductors TDA7052BT Datasheet HTML 2Page - NXP Semiconductors TDA7052BT Datasheet HTML 3Page - NXP Semiconductors TDA7052BT Datasheet HTML 4Page - NXP Semiconductors TDA7052BT Datasheet HTML 5Page - NXP Semiconductors TDA7052BT Datasheet HTML 6Page - NXP Semiconductors TDA7052BT Datasheet HTML 7Page - NXP Semiconductors TDA7052BT Datasheet HTML 8Page - NXP Semiconductors TDA7052BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Aug 15
5
Philips Semiconductors
Product specification
Mono BTL audio amplifier with DC volume
control
TDA7052B
CHARACTERISTICS
VP =6V; VDC = 1.4 V; f = 1 kHz; RL =8 Ω; Tamb =25 °C; unless otherwise specified (see Fig.13).
Notes
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage divided by RL.
2. The noise output voltage (RMS value) at f = 500 kHz is measured with RS =0 Ω and B = 5 kHz.
3. The ripple rejection is measured with RS =0 Ω and f = 100 Hz to 10 kHz. The ripple voltage VR of 200 mV
(RMS value) is applied to the positive supply rail.
4. The noise output voltage (RMS value) is measured with RS =5kΩ unweighted.
5. The DC volume control can be configured in several ways. Two possible circuits are shown in Figs 14 and 15.
The circuits at the volume control pin will influence the switch-on and switch-off behaviour and the maximum voltage
gain.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
4.5
18
V
Iq(tot)
total quiescent current
note 1; RL = ∞−
9.2
13
mA
Maximum gain (V4 = 1.4 V)
PO
output power
THD = 10%
TDA7052B
0.9
1.0
W
TDA7052BT
0.5
0.55
W
THD
total harmonic distortion
TDA7052B
PO = 0.5 W
0.3
1
%
TDA7052BT
PO = 0.25 W
0.3
1
%
Gv(max)
maximum total voltage gain
39.5
40.5
41.5
dB
VI
input signal handling (RMS value) Gv(max) = 0 dB; THD < 1%
1.0
−−
V
Vno
noise output voltage (RMS value)
note 2; f = 500 kHz
210
−µV
B
bandwidth
at
−1dB
0.02 to 300
kHz
SVRR
supply voltage ripple rejection
note 3
48
60
dB
∆V
O
DC output offset voltage
V8 − V5−
0
200
mV
ZI
input impedance (pin 3)
15
20
25
k
Mute position
VO
output voltage in mute position
note 4; V4 ≤ 0.4 V;
VI = 1.0 V
−−
30
µV
DC volume control; note 5
φ
gain control
68
73.5
dB
I4
control current
V4 =0V
−20
−25
−30
µA


Similar Part No. - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com