Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF2100-1C70DEFXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF2100-1C70DEFXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2100-1C70DEFXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF2100-1C70DEFXXX Datasheet HTML 1Page - Hongfa Technology HF2100-1C70DEFXXX Datasheet HTML 2Page - Hongfa Technology HF2100-1C70DEFXXX Datasheet HTML 3Page - Hongfa Technology HF2100-1C70DEFXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9MJWXUMV
x>A: *Deqwhjklhn
x>A: *Dequ-uhgggigkphmm
z+*yxs .w}s5
x>A: *Deq.lghljojl
{/+pgghc {/+f0/hmpkp c {/+hkgghc +z/s/hogghc {wu--u gogggg uw.0{x{wv
ighl .:Ke hegg
uD>A EDL:G
sEEGDMe pggB3
uDCI68I
G:H>HI6C8:
uDCI68I G6I>C<
`.:He AD69a
~6Me HL>I8=>C<
EDL:G
/=D8@
G:H>HI6C8:
v>:A:8IG>8
HIG:C<I=
sB7>:CI I:BE:G6IJG:
t:IL::C 8D>A _ 8DCI68IH
h M hgn+,/
;92100
l
m
p
hi
hl
in M `h hg^a
kg M `h hg^a
pn M `h hg^a
hll M `h hg^a
ilm M `h hg^a
jenl
kelg
menl
pegg
hheil
gel
gem
gep
hei
hel
><?<4DEB8 ;<:; A@G8B B8=4I
6@?D46D 74D4
6;4B46D8B<CD<6C
6@<=
6@<= 74D4
*DB>C6A
2DAI6<:
2vu
uD>A
.:H>HI6C8:
,>8@dJE
2DAI6<:
2vu
B6Me
vGDEdDJI
2DAI6<:
2vu
B>Ce
ho
ik
ko
ng
hhg
jog M `h hg^a
mmg M `h hg^a
ilmg M `h hg^a
llgg M `h hg^a
hjklg M `h hg^a
hjelg
hoegg
jmegg
lielg
oielg
heo
iek
keo
neg
hheg
X jgs HL>I8=>C< 86E67>A>IN
X,ut 8D>A I:GB>C6AHc >9:6A ;DG =:6KN 9JIN AD69
X iel@29>:A:8IG>8 HIG:C<I= `7:IL::C 8D>A 6C9 8DCI68IHa
X ,A6HI>8 H:6A:9 6C9 vJHI EGDI:8I:9 INE:H 6K6>A67A:
X1} >CHJA6I>DC HNHI:Bq uA6HH x 6K6>A67A:
X wCK>GDCB:CI6A ;G>:C9AN EGD9J8I `.Dz/ 8DBEA>6CIa
X +JIA>C: v>B:CH>DCHq`ji M inel M ioega BB
~6Me
2DAI6<:
2vu
6I ij
mel
neo
hhen
hlem
hpel
ijek
jhei
miek
pheg
hkjeg
hs
ht
hu `*+ahu `*ua
lgB B6Me`6I hs ik2vua
Ps</C+ics<u9+
jgs ikg2su hls ikg2su igs ikg2su hgsikg2su
igs jg2vu
hgs jg2vu
igs jg2vu hgs jg2vu
mgg3
jgg3
mgg3
jgg3
inn2sufjg2vu
kgs
hls
igs
hgs
uDCI68I
6GG6C<:B:CI
~6Me HL>I8=>C<
KDAI6<:
~6Me HL>I8=>C<
8JGG:CI
uDCI68I B6I:G>6A
~:8=6C>86A
:C9JG6C8:
nigg2s
jmgg2s
kogg2s
ikgg2s
{CHJA6I>DC G:H>HI6C8:
t:IL::C DE:C 8DCI68IH
+E:G6I: I>B: `6I CDB>e KDAIea
.:A:6H: I>B: `6I CDB>e KDAIea
xJC8I>DC6A
v:HIGJ8I>K:
2>7G6I>DC G:H>HI6C8:
zJB>9>IN
0:GB>C6I>DC
1C>I L:><=I
uDCHIGJ8I>DC
hggg~ `6I lgg2vua
ilgg2su hB>C
hlgg2su hB>C
hlBH B6Me
hgBH B6Me
dllDu ID olDu
poBfHi
pogBfHi
hgzOID llzO helBB vs
l^ ID ol^ .z
,ut _ -u
sEEGDMejl<
,A6HI>8 H:6A:9c
vJHI EGDI:8I:9
ijh
?SWMV3 ha xDG EA6HI>8 H:6A:9 INE:c I=: K:CI>C<d=DA: H=DJA9 7: :M8>H:9 >C
I:HIe
ia 0=: 96I6 H=DLC 67DK: 6G: >C>I>6A K6AJ:He
ja ,A:6H: ;>C9 8D>A I:BE:G6IJG: 8JGK: >C I=: 8=6G68I:G>HI>8 8JGK:H 7:ADLe
ka 1} >CHJA6I>DC HNHI:BquA6HH xc uA6HH te
b
hs INE:qh M hgl+,/ `jgs ikg2suc .:H>HI>K:
AD69cs<u9+c .DDB I:BEec hHDC pHD;;a
wA:8IG>86A
:C9JG6C8:
?SWMV3
b~6M>BJB KDAI6<: G:;:GH ID I=: B6M>BJB KDAI6<: L=>8= G:A6N
8D>A 8DJA9 :C9JG: >C 6 H=DGI E:G>D9 D; I>B:e


Similar Part No. - HF2100-1C70DEFXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2100-1C-12DETF HONGFA-HF2100-1C-12DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1C-15DETF HONGFA-HF2100-1C-15DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1C-18DETF HONGFA-HF2100-1C-18DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1C-5DETF HONGFA-HF2100-1C-5DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1C-6DETF HONGFA-HF2100-1C-6DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2100-1C70DEFXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com