Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3-PPG1-01-N1 Datasheet(PDF) 3 Page - Cree, Inc

Part # LM3-PPG1-01-N1
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM3-PPG1-01-N1 Datasheet(HTML) 3 Page - Cree, Inc

  LM3-PPG1-01-N1 Datasheet HTML 1Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 2Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 3Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 4Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT56.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
SPE/LM3-PPG1-01-N1
Document No.
Rev. No.
02
G
Grraapphhss
Ir(uA)
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-50.0
-30.0
-40.0
-10.0
-50
-40
Vr(V)
0
-10
-30
-20
-20.0
0.0
FIG.6 FAR FIELD PATTERN
-30
-60
-90
90
60
30
0
0%
20%
40%
60%
50% Power Angle :
0
80%
100%
Ie(%)
FIG.1 FORWARD CURRENT VS.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
1.0
0.0
FORWARD CURRENT
20.0
0.0
40.0 60.0
FORWARD VOLTAGE.
5.0
4.0
3.0
2.0
0.0
40.0
60.0
80.0
20.0
3.0
3.4
3.8
4.2
100.0
If (mA)
If(mA)
80.0 100.0
4.6
5.0
Vf(V)
25%
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
0%
300
400
WL(nm)
600
500
700
Domi WL= 527nm
Half Power WL=38nm
100%
75%
50%
IF(mA)
20
FIG.5 MAXIMUM FORWARD DC CURRENT VS
TEMPERATURE. DERATING BASED ON Tjmax=110 C
0
40
20
10
0
30
50
100
60
80
40
T ( C)
Rth j-s=300 C/W
Rth j-a=450 C/W
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
MaAiQiu
2006-06-22
Checked by
Release, add important notes 8); add Iv rank V1.
02
2006-06-22
XieJH
2006-06-22
Approved by
David Liu
2006-06-22
FCN#
FCN20060211
Data is subject to change without prior notice. please refer to COTCO Website for the latest version.
Copyright@2002T Cotco International Ltd.


Similar Part No. - LM3-PPG1-01-N1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM3-PBG1-01-N1 CREE-LM3-PBG1-01-N1 Datasheet
323Kb / 5P
   SMD LED
LM3-PBL1-01-N1 CREE-LM3-PBL1-01-N1 Datasheet
338Kb / 5P
   SMD LED
More results

Similar Description - LM3-PPG1-01-N1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com