Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7050T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7050T
Description  Low voltage mono/stereo power amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7050T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7050T Datasheet HTML 1Page - NXP Semiconductors TDA7050T Datasheet HTML 2Page - NXP Semiconductors TDA7050T Datasheet HTML 3Page - NXP Semiconductors TDA7050T Datasheet HTML 4Page - NXP Semiconductors TDA7050T Datasheet HTML 5Page - NXP Semiconductors TDA7050T Datasheet HTML 6Page - NXP Semiconductors TDA7050T Datasheet HTML 7Page - NXP Semiconductors TDA7050T Datasheet HTML 8Page - NXP Semiconductors TDA7050T Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
July 1994
2
Philips Semiconductors
Product specification
Low voltage mono/stereo power amplifier
TDA7050T
GENERAL DESCRIPTION
The TDA7050T is a low voltage audio amplifier for small radios with headphones (such as watch, pen and pocket radios)
in mono (bridge-tied load) or stereo applications.
Features
• Limited to battery supply application only (typ. 3 and 4 V)
• Operates with supply voltage down to 1,6 V
• No external components required
• Very low quiescent current
• Fixed integrated gain of 26 dB, floating differential input
• Flexibility in use − mono BTL as well as stereo
• Small dimension of encapsulation (see package design example).
QUICK REFERENCE DATA
PACKAGE OUTLINE
8-lead mini-pack; plastic (SO8; SOT96A); SOT96-1; 1996 July 24.
Supply voltage range
VP
1,6 to 6,0 V
Total quiescent current (at VP = 3 V)
Itot
typ.
3,2 mA
Bridge tied load application (BTL)
Output power at RL = 32 Ω
VP = 3 V; dtot = 10%
Po
typ.
140 mW
D.C. output offset voltage between the outputs
|
∆V|
max.
70 mV
Noise output voltage (r.m.s. value)
at f = 1 kHz; RS = 5 kΩ
Vno(rms)
typ.
140
µV
Stereo application
Output power at RL = 32 Ω
dtot = 10%; VP = 3 V
Po
typ.
35 mW
dtot = 10%; VP = 4,5 V
Po
typ.
75 mW
Channel separation at RS = 0 Ω; f = 1 kHz
α
typ.
40 dB
Noise output voltage (r.m.s. value)
at f = 1 kHz; RS = 5 kΩ
Vno(rms)
typ.
100
µV


Similar Part No. - TDA7050T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7050 PHILIPS-TDA7050 Datasheet
55Kb / 8P
   Low voltage mono/stereo power amplifier
June 1989
More results

Similar Description - TDA7050T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA7050 ETC-ILA7050 Datasheet
104Kb / 2P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA7050 KODENSHI-KKA7050 Datasheet
120Kb / 3P
   LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7050 PHILIPS-TDA7050 Datasheet
55Kb / 8P
   Low voltage mono/stereo power amplifier
June 1989
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
logo
List of Unclassifed Man...
ADA7555 ETC-ADA7555 Datasheet
336Kb / 1P
   Stereo / Mono Distribution Amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
   Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
   Mono/Stereo High-Power Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com