Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF115F-Q110-1DXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF115F-Q110-1DXXX
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F-Q110-1DXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF115F-Q110-1DXXX Datasheet HTML 1Page - Hongfa Technology HF115F-Q110-1DXXX Datasheet HTML 2Page - Hongfa Technology HF115F-Q110-1DXXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cjjlir4 :66gX
3HERSPHQ
JPOIHC SGMCZ
Eicf jiq_l
Tbi]e l_mcmn[h]_ 1
Fc_f_]nlc]
mnl_hanb
Hfor jlii`_^
Hcf_ Oi4@77<?9:
Hcf_ Oi4@ G79:;7=
KTP?6672 KTP5UT7<?:? 2 KTP7:6672 PJTCT7>6672 KGER RE 6>6666 EGSUKHKGF
867; S_p4 7466
7<:
Hcf_ Oi4@ ERE6>66868>796
A12
@7~0@7
7>C 8;6WCE [n 76;
7<C 8;6WCE [n 78;
78C :66WCE [n 76;
86C 8==WCE
CaOc
CaOc
7<C 8;6WCE [n 78;
78C :66WCE [n 76;
7 Hilg C
7 Hilg D
7 Hilg C
7 Hilg D
53**,3}<
7C2 7D
766g g[r4/[n 7C <WFE0
CaThP82 CaOc
86C 8;6WCE
::6WCE 5 966WFE
86C
;666WC
7r76=PQT
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
Eihn[]n l[ncha
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha ]oll_hn
N[r4 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Gf_]nlc][f _h^ol[h]_
7666N /[n ;66WFE0
;666WCE 7gch
7666WCE 7gch
76eW /748 5 ;6wm0
7;gm g[r4
>gm g[r4
;;L g[r4
?>g5m8
?>6g5m8
7C@ 76Jt ni7;6Jt 76a
7D@ 76Jt ni7;6Jt ;a
;- ni >;- SJ
3:6 ni 78;
QED.RE
Cjjlir4 7<a
8696.?@=2 5645 ;:B2= =27.D
0:9?.0? 1.?.
05.=.0?2=6>?60>
0:67
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e3oj
Wifn[a_
WFE
g[r4
Flij3ion
Wifn[a_
WFE
gch4
0:67 1.?.
>.32?D .;;=:A.7 =.?694>
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Tola_ pifn[a_ /\_nq__h ]icf . ]ihn[]nm0
Pj_l[n_ ncg_ /[n higc4 pifn40
S_f_[m_ ncg_ /[n higc4 pifn40
U_gj_l[nol_ lcm_ /[n higc4 pifn40
Hoh]ncih[f
F_mnlo]ncp_
Jogc^cns
Cg\c_hn n_gj_l[nol_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
;
<
78
8:
:>
<6
94;6
:486
>4:6
7<4>
994<
:846
64;
64<
748
84:
:4>
<46
<8r/7 76-0
?6r/7 76-0
9<6r/7 76-0
7::6 r /7 76-0
;=<6 r /7 7;-0
=;66 r /7 7;-0
=4;
?46
7>46
9<46
=846
?646
?
<496
64?
868r/7 76-0
794;
7>
784<
74>
>76r/7 76-0
8=46
776
==46
7746
8;866 r /7 7;-0
7<;46
N[r4
Wifn[a_
WFE
[n89
[ Cg\c_hn n_gj_l[nol_ oj ni 78;
[ ;eW ^c_f_]nlc] mnl_hanb /\_nq__h ]icf [h^ ]ihn[]nm0
[ Miq b_cabn@ 7;4=gg
[ El__j[a_ ^cmn[h]_ B>gg
[ N__ncha WFG 6=662 6<97 l_ch`il]_ chmof[ncih
[ VM?:2 W36 `f[gg[\cfcns ]f[mm
[ Qli^o]n ch []]il^[h]_ ni KGE <699;37 [p[cf[\f_
[ VM chmof[ncih msmn_g@ Ef[mm H
[ Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
[ Ponfch_ Fcg_hmcihm@ W_lnc][f@ /:746 r 784= r 7;4=0 gg
Jilctihn[f@ /:;46 r 784= r 7;4=0 gg
A
12
9NRHQ- 70 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
80 1 Kh^_r cm hin nb[n i` l_f[s f_hanb ^cl_]ncih4
Wc\l[ncih l_mcmn[h]_ 1
9NRHQ- 70 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7J nsj_@9r76:PQT/86C8==WCE2
S_mcmncp_ fi[^2 Siig n_gj42 7m ih ?m i``0
9NRHQ- 70 N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [mbiln j_lci^ i` ncg_4
80 Hil jli^o]nm qcnb l[n_^ pifn[a_ Z :>W2 g_[mol_m mbiof^ \_
n[e_h ni jl_p_hn ]icf ip_lpifn[a_ ch il^_l ni jlin_]n ]icf ch n_mn
[h^ [jjfc][ncih /_a4 Eihh_]n ^ci^_m ch j[l[ff_f04
70
80
80
80


Similar Part No. - HF115F-Q110-1DXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F-Q HONGFA-HF115F-Q Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/005-1D3T HONGFA-HF115F-Q/005-1D3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/005-1H3T HONGFA-HF115F-Q/005-1H3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/006-1D3T HONGFA-HF115F-Q/006-1D3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/006-1H3T HONGFA-HF115F-Q/006-1H3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F-Q110-1DXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com