Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF115F-Q110-1D3XXX Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF115F-Q110-1D3XXX
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F-Q110-1D3XXX Datasheet(HTML) 3 Page - Hongfa Technology

  HF115F-Q110-1D3XXX Datasheet HTML 1Page - Hongfa Technology HF115F-Q110-1D3XXX Datasheet HTML 2Page - Hongfa Technology HF115F-Q110-1D3XXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih4 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 K` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_4 Jiq_p_l2 cn cm nb_ om_lxm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei42 Mn^4 Cff lcabnm i` Jiha`[[l_ l_m_lp_^4
EPKM PQGSCUKOI SCOIG /FE0 1
GOFVSCOEG EVSWG
NCYKNVN TXKUEJKOI QPXGS
7<<
Cg\c_hn U_gj_l[nol_ / 0
Eihn[]n Eoll_hn /C0
Eihn[]n Wifn[a_ /W0
S_]igg_h^_^
pifn[a_
05.=.0?2=6>?60 0@=A2>
9NRHQ- { Ub_ om_ i` [ l_f[s qcnb [h _h_lacmcha
pifn[a_ inb_l nb[h nb_ l[n_^ ]icf pifn[a_
g[s f_[^ ni l_^o]_^ _f_]nlc][f fc`_4
Ch _h_lacmcha pifn[a_ ip_l nb_ [\p_l
l[ha_ g[s ^[g[a_ nb_ chmof[ncih i`
l_f[s ]icf4
86
:6
<6
>6
766
786
946
84<
848
74>
74:
746
64<
7> C
6
7:6
6C
7< C
86
76
647
;6
:6
96
966
766
866
:66 ;66
7
64;
76
;
;6
9NRHQ-
70 Eolp_@ 7J nsj_
80 U_mn ]ih^cncihm@
OP2 8;6WCE2 S_mcmncp_ fi[^2 Hfor jlii`_^2
Siig n_gj42 7m ih ?m i``4
7
7666
766
76
67:
:>
<76 78
886
7< 7>
CE


Similar Part No. - HF115F-Q110-1D3XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F-Q HONGFA-HF115F-Q Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/005-1D3T HONGFA-HF115F-Q/005-1D3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/005-1H3T HONGFA-HF115F-Q/005-1H3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/006-1D3T HONGFA-HF115F-Q/006-1D3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-Q/006-1H3T HONGFA-HF115F-Q/006-1H3T Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F-Q110-1D3XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com