Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM78-60221LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM78-60221LF
Description  Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM78-60221LF Datasheet(HTML) 1 Page - Bi technologies

  HM78-60221LF Datasheet HTML 1Page - Bi technologies HM78-60221LF Datasheet HTML 2Page - Bi technologies HM78-60221LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
86
HM78-10100LF
10
0.08
1.00
1
HM78-10120LF
12
0.09
0.94
1
HM78-10150LF
15
0.12
0.86
1
HM78-10180LF
18
0.13
0.78
1
HM78-10220LF
22
0.15
0.76
1
HM78-10270LF
27
0.21
0.64
1
HM78-10330LF
33
0.25
0.61
1
HM78-10390LF
39
0.31
0.53
1
HM78-10470LF
47
0.35
0.50
1
HM78-10560LF
56
0.43
0.46
1
HM78-10680LF
68
0.52
0.42
1
HM78-20100LF
10
0.055
1.65
1
HM78-20120LF
12
0.073
1.50
1

15
0.081
1.34
1
HM78-20180LF
18
0.102
1.22
1
HM78-20220LF
22
0.115
1.10
1
HM78-20270LF
27
0.159
1.00
1
HM78-20330LF
33
0.182
0.90
1
HM78-20390LF
39
0.199
0.83
1
HM78-20470LF
47
0.221
0.75
1
HM78-20560LF
56
0.306
0.69
1
HM78-20680LF
68
0.345
0.63
1
HM78-20820LF
82
0.39
0.57
1
HM78-20101LF
100
0.432
0.52
1
HM78-20121LF
120
0.44
0.47
1
HM78-20151LF
150
0.73
0.42
1
HM78-20181LF
180
0.78
0.38
1
HM78-20221LF
220
0.94
0.35
1
HM78-20271LF
270
1.25
0.31
1
HM78-30100LF
10
0.072
1.68
2
HM78-30120LF
12
0.098
1.52
2
HM78-30150LF
15
0.13
1.33
2
HM78-30180LF
18
0.14
1.20
2

22
0.19
1.07
2
HM78-30270LF
27
0.21
0.96
2
HM78-30330LF
33
0.24
0.91
2
HM78-30390LF
39
0.32
0.77
2
HM78-30470LF
47
0.36
0.76
2
HM78-30560LF
56
0.47
0.68
2
HM78-30680LF
68
0.52
0.61
2
HM78-30820LF
82
0.69
0.57
2
HM78-30101LF
100
0.79
0.50
2
HM78-30121LF
120
0.89
0.49
2
HM78-30151LF
150
1.27
0.43
2
HM78-30181LF
180
1.45
0.39
2
HM78-30221LF
220
1.65
0.35
2
HM78-30271LF
270
2.31
0.32
2
HM78-30331LF
330
2.62
0.28
2
HM78-30391LF
390
2.94
0.26
2
HM78-30471LF
470
4.18
0.24
2
HM78-30102LF
1000
6.50
0.16
2
HM78-40100LF
10
0.049
1.84
2
HM78-40120LF
12
0.058
1.71
2
HM78-40150LF
15
0.081
1.47
2
HM78-40180LF
18
0.091
1.31
2
HM78-40220LF
22
0.11
1.23
2
HM78-40270LF
27
0.15
1.12
2
HM78-40330LF
33
0.17
0.96
2
HM78-40390LF
39
0.23
0.91
2
HM78-40470LF
47
0.26
0.88
2
HM78-40560LF
56
0.35
0.75
2
HM78-40680LF
68
0.38
0.69
2
HM78-40820LF
82
0.43
0.61
2
HM78-40101LF
100
0.61
0.60
2
HM78-40121LF
120
0.66
0.52
2
HM78-40151LF
150
0.88
0.46
2
HM78-40181LF
180
0.98
0.42
2
HM78-40221LF
220
1.17
0.36
2
HM78-40271LF
270
1.64
0.34
2
HM78-40331LF
330
1.86
0.32
2
HM78-40391LF
390
2.85
0.29
2
HM78-40471LF
470
3.01
0.26
2
HM78-40561LF
560
3.62
0.23
2
HM78-40681LF
680
4.63
0.22
2
HM78-40821LF
820
5.20
0.20
2
HM78-453R9LF
3.9
0.015
6.5
3
HM78-454R7LF
4.7
0.018
5.7
3
HM78-456R8LF
6.8
0.023
4.9
3
HM78-45100LF
10
0.028
4.5
3
HM78-45120LF
12
0.038
4.0
3
HM78-45150LF
15
0.050
3.2
3
HM78-45180LF
18
0.057
3.1
3
HM78-45220LF
22
0.066
2.9
3
HM78-45270LF
27
0.080
2.8
3
HM78-45330LF
33
0.097
2.7
3
HM78-45390LF
39
0.132
2.1
3
HM78-45470LF
47
0.150
1.9
3
HM78-45560LF
56
0.190
1.8
3
Specifications @ 25°C
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Max
Amps
Figure
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Max
Amps
Figure
• Operating Temperature Range
-40°C to +85°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C

Electrical / Environmental
Shielded Surface Mount Inductors
RoHS
Compliant


Similar Part No. - HM78-60221LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78-60221LF BITECH-HM78-60221LF Datasheet
663Kb / 3P
   Shielded Surface Mount Inductors
More results

Similar Description - HM78-60221LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com