Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF84F-7A6XXX Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF84F-7A6XXX
Description  HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF84F-7A6XXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF84F-7A6XXX Datasheet HTML 1Page - Hongfa Technology HF84F-7A6XXX Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9:5>
<;5?
==5>
>>
8 Hilg C
8 Hilg D
8 Hilg E
U_lgch[fm nsj_
94w;5:
;4w:5?
;
8
9
:
<
;
8
:
<
;
8
9
:
w85@ Y 758<
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih5 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 K` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_5 Jiq_p_l3 cn cm nb_ om_lxm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei53 Mn^5 Cff lcabnm i` Jiha`[ [l_ l_m_lp_^5
/Uij pc_q0
/Uij pc_q0
S_g[leA Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih W8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih Y8gg
[h^ W<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih Y<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
9==
=5;2757<
4 758<
75?2757;
4 7579
;>
0NMRDER DPPDMIGLGMR ~- 8 Hilg E *- 8 Hilg C +- 8 Hilg D
0NJK TNKRDIG
.0- =WCE ni 9>>WCE 10- =WFE ni 897WFE /Oi VM [jjlip_^0
JH?;H
48
C
:<12<694 693:<8.>6:9
>UOG
:?>7692 16829=6:9=| A6<694 16.4<.8 .91 ;0 /:.<1 7.C:?>
Ponfch_ Fcg_hmcihm
XclchaFc[al[g
0NJK TNKRDIG HNPL
1- FE
.- CE
9;
/YYY0
VhcnA gg
=OGEJDK ENFG80
BBB- Eomnig_l mj_]c[f l_kocl_g_hn
9JK- Tn[h^[l^
9NRGQ- 80 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha\s Jiha`[5


Similar Part No. - HF84F-7A6XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF84F-7A24 HONGFA-HF84F-7A24 Datasheet
54Kb / 2P
   HIGH POWER RELAY
More results

Similar Description - HF84F-7A6XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F HONGFA-HF94F Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF84F HONGFA-HF84F_15 Datasheet
54Kb / 2P
   HIGH POWER RELAY
HF84F HONGFA-HF84F Datasheet
55Kb / 2P
   HIGH POWER RELAY
HF94F HONGFA-HF94F Datasheet
80Kb / 3P
   HIGH POWER RELAY
HF94F HONGFA-HF94F_15 Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF116F-80 HONGFA-HF116F-80 Datasheet
57Kb / 2P
   HIGH POWER RELAY
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
logo
List of Unclassifed Man...
JQX-115F ETC-JQX-115F Datasheet
144Kb / 2P
   MINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF10FF HONGFA-HF10FF_15 Datasheet
187Kb / 5P
   MINIATURE HIGH POWER RELAY
HF14FF HONGFA-HF14FF_15 Datasheet
58Kb / 3P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com