Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6800 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA6800
Description  Video modulator circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6800 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA6800 Datasheet HTML 1Page - NXP Semiconductors TDA6800 Datasheet HTML 2Page - NXP Semiconductors TDA6800 Datasheet HTML 3Page - NXP Semiconductors TDA6800 Datasheet HTML 4Page - NXP Semiconductors TDA6800 Datasheet HTML 5Page - NXP Semiconductors TDA6800 Datasheet HTML 6Page - NXP Semiconductors TDA6800 Datasheet HTML 7Page - NXP Semiconductors TDA6800 Datasheet HTML 8Page - NXP Semiconductors TDA6800 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
March 1986
2
Philips Semiconductors
Product specification
Video modulator circuit
TDA6800
TDA6800T
GENERAL DESCRIPTION
The TDA6800 is a modulator circuit for modulation of video signals on a VHF/UHF carrier. The circuit requires a 5 V
power supply and few external components for the negative modulation mode. For positive modulation an external clamp
circuit is required. This circuit can be used as a general purpose modulator without additional external components.
Features
• Balanced modulator
• Symmetrical oscillator
• Video clamp circuit for negative modulation
• Frequency range 50 to 800 MHz
QUICK REFERENCE DATA
PACKAGE OUTLINE
TDA6800 : 8-lead dual in-line; plastic (SOT97A); SOT 97-1; 1996 november 29.
TDA6800T: 8-lead mini-pack; plastic (SO8; SOT96A); SOT 96-1; 1996 november 29.
MIN.
TYP.
MAX.
Supply voltage range
V5−4
4,5
5,5
V
Supply current consumption
I5
9
mA
Video input voltage
V8(p−p)
1
V
Input impedance
R8
30
−−
k
Output voltage (50 MHz)
V6-7
13
mV
Output voltage (600 MHz)
V6-7
10
mV
Differential gain
∆G
−−
10
%
Differential phase
φ
−−
10
deg.
Intermodulation distortion
dint
−−80
dB


Similar Part No. - TDA6800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6812-5 SIEMENS-TDA6812-5 Datasheet
1Mb / 32P
   TV-Stereo Processor
logo
Sharma Electro Componen...
TDA684K35CB SHARMA-TDA684K35CB Datasheet
446Kb / 2P
   Tantalum Capacitors
TDA685K06CB SHARMA-TDA685K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDA6800

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE846 NTE-NTE846 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulator
logo
New Japan Radio
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
   TV VIDEO MODULATOR
NJM1372A NJRC-NJM1372A Datasheet
163Kb / 5P
   TV VIDEO MODULATOR
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
logo
NTE Electronics
NTE1709 NTE-NTE1709 Datasheet
18Kb / 2P
   Integrated Circuit Dual Balanced Modulator for Video Cameras
logo
National Semiconductor ...
LM2889 NSC-LM2889 Datasheet
219Kb / 10P
   LM2889 TV Video Modulator
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
National Semiconductor ...
LM1889 NSC-LM1889 Datasheet
326Kb / 10P
   LM1889 TV Video Modulator
logo
General Electric Compan...
SL5067 GEC-SL5067 Datasheet
445Kb / 13P
   MULTI - STANDARD VIDEO MODULATOR
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com