Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2784G+TR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2784G+TR
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784G+TR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2784G+TR Datasheet HTML 1Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 2Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 3Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 4Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 5Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 6Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 7Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 8Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
4 of 38
EEPROM RELIABILITY SPECIFICATION
(VDD = 2.5V to 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Copy Time
tEEC
10
ms
EEPROM Copy Endurance
NEEC
TA = +50°C
50,000
cycles
ELECTRICAL CHARACTERISTICS: 1-Wire Interface, Standard
(VDD = 2.5V to 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
60
120
μs
Recovery Time
tREC
1
μs
Write-0 Low Time
tLOW0
60
120
μs
Write-1 Low Time
tLOW1
1
15
μs
Read-Data Valid
tRDV
15
μs
Reset-Time High
tRSTH
480
μs
Reset-Time Low
tRSTL
480
960
μs
Presence-Detect High
tPDH
15
60
μs
Presence-Detect Low
tPDL
60
240
μs
ELECTRICAL CHARACTERISTICS: 1-Wire Interface, Overdrive
(VDD = 2.5V to 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
6
16
μs
Recovery Time
tREC
1
μs
Write-0 Low Time
tLOW0
6
16
μs
Write-1 Low Time
tLOW1
1
2
μs
Read-Data Valid
tRDV
2
μs
Reset-Time High
tRSTH
48
μs
Reset-Time Low
tRSTL
48
80
μs
Presence-Detect High
tPDH
2
6
μs
Presence-Detect Low
tPDL
8
24
μs
Note 1:
All voltages are referenced to VSS.
Note 2:
Factory-calibrated accuracy. Higher accuracy can be achieved by in-system calibration by the user.
Note 3:
Accumulation bias and offset bias registers set to 00h. NBEN bit set to 0.
Note 4:
Parameters guaranteed by design.
Note 5:
CP pin externally driven to 10V.
Note 6:
Overvoltage and undervoltage delays (tOVD, tUVD) are reduced to 0s if the OV or UV condition is detected within 100ms of entering
Active mode.
Note 7:
tUVD MIN determined by stepping the voltage on VIN from VUV + 250mV to VUV - 250mV.


Similar Part No. - DS2784G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784G+TR MAXIM-DS2784G+TR Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784G+TR MAXIM-DS2784G+TR Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784G+TR MAXIM-DS2784G+TR Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results

Similar Description - DS2784G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com