Electronic Components Datasheet Search |
|
HS00-03038 Datasheet(PDF) 2 Page - Bi technologies |
|
HS00-03038 Datasheet(HTML) 2 Page - Bi technologies |
2 / 3 page 2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE We reserve the right to change specifications without prior notice www.bitechnologies.com 123 Power over Ethernet (Voice over IP) Networking Products Specifications Ports Configuration3 Turns Ratio4 Packaging (mm) Hi-Pot BI P/N1 RoHS2 Application Supported Tx Rx Tx Rx Style Pitch Length Width Height (Vrms) Notes: (1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS00-05061TR or HS00-05061LFTR (for RoHS Compliant) (2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-04055LF or HS00-04055LFTR (for Tape & Reel) (3) IC to Cable side: C is Common Mode Choke, S is Shunt Inductor and T is Transformer (4) Turns Ratio is IC to Cable side HS00-04062 LF 10/100 1 T,C T,C 1CT:1CT 1CT:1CT 16-pin SMT 50 mil 12.70 9.65 5.98 1500 HS00-05061 LF 10/100 1 C,T C,T 1CT:1CT 1CT:1CT 16-pin SMT 50 mil 12.70 9.35 6.22 1500 HS00-05138 LF 10/100 2 T,C,S C,T 1CT:1CT 1CT:1CT 24-pin SMT 39 mil 13.77 18.80 5.72 1500 HS00-05166 LF 10/100 2 T,C,S T,C,S 1CT:1CT 1CT:1CT 24-pin SMT 39 mil 13.77 18.80 5.72 1500 HS00-05176 LF 10/100 2 C,T C,T 1CT:1CT 1CT:1CT 24-pin SMT 39 mil 13.77 18.80 5.72 1500 HS00-04055 LF 10/100 2 T,C,S T,C,S 1CT:1CT 1CT:1CT 24-pin SMT 40 mil 13.90 19.05 6.35 1500 HS00-05062 LF 10/100 2 T,C T,C 1CT:1CT 1CT:1CT 24-pin SMT 40 mil 13.76 15.24 6.22 1500 HS00-06026 LF 10/100 2 T,C,S T 1CT:1CT 1CT:1CT 24-pin SMT 40 mil 13.76 15.24 6.22 1500 HT00-03078 LF 10/100 2 T,C T,C 1CT:1CT 1CT:1CT 24-pin SMT 40 mil 13.76 15.24 5.85 1500 HS00-04056 LF 10/100 4 T,C,S C,T 1CT:1CT 1CT:1CT 48-pin SMT 40 mil 27.81 15.30 7.60 1500 HS00-05013 LF 10/100 4 T,C T,C 1CT:1CT 1CT:1CT 48-pin SMT 40 mil 27.81 15.30 7.60 1500 Electrical / Environmental • IEEE 802.3af compliant performance • Standard Operating Temperature Range 0°C to +70°C • Extended Operating Temperature Range -40°C to +85°C • 350mA current capability • RoHS Peak Solder Rating 260°C • Non-RoHS Peak Solder Rating 235°C RoHS Compliant for ‘LF’ Models |
Similar Part No. - HS00-03038 |
|
Similar Description - HS00-03038 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |