Electronic Components Datasheet Search |
|
HM75304R7LFTR Datasheet(PDF) 1 Page - Bi technologies |
|
HM75304R7LFTR Datasheet(HTML) 1 Page - Bi technologies |
1 / 2 page 2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE We reserve the right to change specifications without prior notice www.bitechnologies.com 79 HM75-30220LF 22 23.9 49.1 3.1 3.7 HM75-30330LF 33 33.9 69 2.4 3.0 HM75-30470LF 47 51 108.2 1.9 2.4 HM75-30680LF 68 69.5 156 1.6 2.0 HM75-30101LF 100 101.4 205.5 1.4 1.8 HM75-40R47LF 0.47 0.47 1.7 19.2 51.7 HM75-401R0LF 1.0 0.92 2.5 17.3 37.3 HM75-401R3LF 1.3 1.3 3.5 15 25 HM75-402R2LF 2.2 2.2 4.7 12 20 HM75-403R3LF 3.3 3.3 8.4 10 17 HM75-403R9LF 3.9 3.9 7.5 9 15 HM75-404R7LF 4.7 5.3 9.5 8.5 15 HM75-406R0LF 6.0 6.0 13.7 7.5 12 HM75-407R8LF 7.8 7.8 15.4 7.5 11 HM75-40100LF 10 10.0 22.0 6.0 10 HM75-40150LF 15 15.6 29.5 5.5 9.1 HM75-40220LF 22 22.6 34 4.5 7.6 HM75-40330LF 33 34.5 52 3.7 6.1 HM75-40470LF 47 48.0 71 3.1 5.2 HM75-40680LF 68 69.2 104 2.4 4.3 HM75-40101LF 100 103 156 2.0 3.6 HM75-50R78LF 0.78 0.78 2.6 15 30 HM75-501R0LF 1.0 0.92 3.1 17.3 37.3 HM75-501R5LF 1.5 1.52 4.0 15 28.9 HM75-502R2LF 2.2 2.27 5.6 12 23.7 HM75-503R3LF 3.3 3.2 7.0 11 20.0 HM75-503R9LF 3.9 4.0 10 9 15 HM75-504R7LF 4.7 4.7 9.5 6.5 10.7 HM75-507R5LF 7.5 7.5 15 6 9.8 HM75-50100LF 10 10 40 3.5 8.0 HM75-50150LF 15 15 50 3.0 7.0 HM75-50220LF 22 22 66 2.5 5.5 HM75-50330LF 33 33 80 2.0 4.0 HM75-50470LF 47 47 110 1.6 3.8 HM75-50680LF 68 68 170 1.2 3.0 HM75-50101LF 100 100 220 1.2 2.5 Notes: (1) Inductance is measured at 100kHz, 100 mVrms, OADC. (2) RMS current is the approximate current at which inductance will decrease by 10% from its initial value (zero DC) or the DC current at which ∆T = 40°C, whichever is lower. (3) Saturation current for approximately 30% roll-off. HM75-10R47LF 0.47 0.47 7.9 6.0 7.7 HM75-101R0LF 1.0 1.0 12.5 4.4 5.3 HM75-101R5LF 1.5 1.6 14.5 4.2 4.5 HM75-102R2LF 2.2 2.26 24.1 3.1 3.5 HM75-103R3LF 3.3 3.45 31.8 2.9 3.0 HM75-104R7LF 4.7 4.85 54.7 2.2 2.6 HM75-106R8LF 6.8 6.9 57.1 1.7 2.2 HM75-10100LF 10 10.4 81.3 1.5 1.9 HM75-10150LF 15 15.3 124 1.2 1.5 HM75-10220LF 22 23 183 1.0 1.2 HM75-10330LF 33 33.6 265 0.82 0.99 HM75-10470LF 47 48.5 334 0.72 0.87 HM75-20R33LF 0.33 0.33 2.0 16 20 HM75-20R68LF 0.68 0.80 3.5 12 13 HM75-201R0LF 1.0 1.1 4.6 10 11 HM75-201R5LF 1.5 1.5 6.1 9 9 HM75-202R2LF 2.2 2.3 7.8 7.4 7.8 HM75-202R7LF 2.7 2.9 10.0 6.6 7.0 HM75-203R3LF 3.3 3.3 11.0 5.9 6.4 HM75-204R7LF 4.7 4.8 15.1 4.8 5.4 HM75-20100LF 10 10.0 35 3.3 4.3 HM75-20150LF 15 15.43 45 3.1 3.0 HM75-20220LF 22 22.5 62 2.8 2.0 HM75-20330LF 33 33.2 92 2.1 1.7 HM75-20470LF 47 48.7 139 1.7 1.4 HM75-20680LF 68 68.2 177 1.5 1.2 HM75-20101LF 100 103 237 1.2 0.95 HM75-30R47LF 0.47 0.45 2.1 16 25.1 HM75-301R0LF 1.0 1.34 3.8 12.5 15.3 1.5 1.65 4.9 10 12 HM75-302R2LF 2.2 2.3 5.1 9.2 10.2 HM75-303R3LF 3.3 3.44 10 8.0 9.3 HM75-304R7LF 4.7 5.0 11.4 6.5 7.7 HM75-306R8LF 6.8 6.9 17.8 5.8 6.2 10 11 22.8 4.3 5.2 HM75-30150LF 15 16.4 35.0 3.9 4.36 Specifications @ 25°C Rated Inductance Rated L w/o DC DCR Current Part LDC LO (1) Max. IRMS (2) ISAT (3) Number µH Typ. µH ±20% mΩ Amps Amps Rated Inductance Rated L w/o DC DCR Current Part LDC LO (1) Max. IRMS (2) ISAT (3) Number µH Typ. µH ±20% mΩ Amps Amps • Operating Temperature Range -40°C to +125°C • Ambient Temperature, Maximum 85°C • Insulation System Class B, 130°C • Temperature Rise, Maximum 40°C Electrical / Environmental High Current Surface Mount Inductors RoHS Compliant |
Similar Part No. - HM75304R7LFTR |
|
Similar Description - HM75304R7LFTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |