Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC503NPP1-20H-A3 Datasheet(PDF) 1 Page - Cree, Inc

Part # LC503NPP1-20H-A3
Description  5-mm Round LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503NPP1-20H-A3 Datasheet(HTML) 1 Page - Cree, Inc

  LC503NPP1-20H-A3 Datasheet HTML 1Page - Cree, Inc LC503NPP1-20H-A3 Datasheet HTML 2Page - Cree, Inc LC503NPP1-20H-A3 Datasheet HTML 3Page - Cree, Inc LC503NPP1-20H-A3 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Round LED
Model # LC503NPP-20H-A3
Data Sheet
20-degree, 5-mm round LED lamp in full color with water-transparent lens and no stopper
Applications
Office Equipment
Communications Equipment
Measurement Equipment
Household Appliances
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
B
Forward Current
I
F
50
25
25
mA
Peak Forward Current Note
I
FP
200
100
100
mA
Reverse Voltage
V
R
5
5
5
V
Power Dissipation
P
D
125
100
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
B
Forward Voltage
I
F = 20 mA
V
F(avg)
2.0
3.4
3.4
V
V
F(max)
2.5
4.0
4.0
V
Reverse Current
V
R = 5 V
I
R(max)
100
100
100
μA
Dominant Wavelength
I
F = 20 mA
λ
D(min)
620
520
465
nm
λ
D(typ)
624
527
470
nm
λ
D(max)
628
540
480
nm
Luminous Intensity
I
F = 20 mA
I
V
770~4180
550~4180
200~1100
mcd
50% Power Angle
I
F = 20 mA
2θ½
20
20
20
°C
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” document.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely.
1.
2.
3.
4.
5.
6.
7.
8.


Similar Part No. - LC503NPP1-20H-A3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503NPG1-15Q MARKTECH-LC503NPG1-15Q Datasheet
56Kb / 3P
   Green 15 5mm LED lamp with water transparent lens
logo
List of Unclassifed Man...
LC503NPG1-30Q ETC2-LC503NPG1-30Q Datasheet
48Kb / 3P
   30 Degree 5mm LED Lamp in Pure Green Color with Water Transparent Lens and No Stopper
More results

Similar Description - LC503NPP1-20H-A3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com