Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC374TWR1-35Q-A1 Datasheet(PDF) 2 Page - Cree, Inc

Part # LC374TWR1-35Q-A1
Description  3-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC374TWR1-35Q-A1 Datasheet(HTML) 2 Page - Cree, Inc

  LC374TWR1-35Q-A1 Datasheet HTML 1Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 2Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 3Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 4Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 5Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT029.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LC374TWR-35Q-A (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordinates (x,y) bins shown.
Orders for LC374TWR1-35Q-A1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
D
E
F
W or
above
V
U
Rank
D
E
F
Chromaticity
Coordinates
x
0.3541
0.3610
0.4030
0.3822
0.3822
0.4030
0.4490
0.4129
0.4129
0.4490
0.5080
0.4588
y
0.3401
0.3900
0.4250
0.3580
0.3580
0.4250
0.4530
0.3725
0.3725
0.4530
0.4720
0.3838
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of the color coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (X, Y)
3000 mcd
2130 mcd
1520 mcd


Similar Part No. - LC374TWR1-35Q-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
More results

Similar Description - LC374TWR1-35Q-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com